Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F160T015 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V048F160T015
Description  VTM Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F160T015 Datasheet(HTML) 4 Page - Vicor Corporation

  V048F160T015 Datasheet HTML 1Page - Vicor Corporation V048F160T015 Datasheet HTML 2Page - Vicor Corporation V048F160T015 Datasheet HTML 3Page - Vicor Corporation V048F160T015 Datasheet HTML 4Page - Vicor Corporation V048F160T015 Datasheet HTML 5Page - Vicor Corporation V048F160T015 Datasheet HTML 6Page - Vicor Corporation V048F160T015 Datasheet HTML 7Page - Vicor Corporation V048F160T015 Datasheet HTML 8Page - Vicor Corporation V048F160T015 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
vicorpower.com
800-735-6200
VTM™ Current Multiplier
V048F160T015
Rev. 3.0
Page 4 of 11
Parameter
Min
Typ
Max
Unit
Note
Primary Control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
VC voltage must be applied when module is enabled using PC
Current limit
2.4
2.5
2.9
mA
Source only
Disable delay time
30
µs
PC low to Vout low
VTM Control (VC)
External boost voltage
12
14
19
Vdc
Required for VTM current multiplier
start up without PRM regulator
External boost duration
10
ms
Maximum duration of VC pulse = 20 ms
Auxiliary Pins (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 7 — 0-15 A load step with 100 µF input capacitance and no output
capacitance.
Figure 8 — 15-0 A load step with 100 µF input capacitance and no output
capacitance.
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
3.5
Mhrs
25°C, GB
Isolation specifications
Voltage
2,250
Vdc
Input to output
Capacitance
3,000
pF
Input to output
Resistance
10
Input to output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Mark
Low voltage directive
RoHS
Mechanical
See Mechanical Drawings, Figures 10 – 13
Weight
0.53/15
oz /g
Dimensions
Length
1.28/ 32,5
in / mm
Width
0.87 / 22
in / mm
Height
0.265/ 6,73
in / mm
Peak compressive force applied to case (Z axis)
5
6
lbs.
Supported by J-leads only
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
9.3
Ws /°C
Junction-to-case thermal impedance (RθJC)
1.1
°C / W
See Thermal Considerations on Page 9
Junction-to-board thermal impedance (RθJB)2.1
°C / W
General
Specifications


Similar Part No. - V048F160T015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F160T015 VICOR-V048F160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F160T015 VICOR-V048F160T015 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F160T015 POWERBOX-V048F160T015 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Vicor Corporation
V048F160T015 VICOR-V048F160T015 Datasheet
1Mb / 11P
   VTM?줓urrent Multiplier
V048F160T015 VICOR-V048F160T015 Datasheet
2Mb / 14P
   Non-isolated Regulator
More results

Similar Description - V048F160T015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com