Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11228BUCL Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK11228BUCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11228BUCL Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK11228BUCL Datasheet HTML 3Page - TOKO, Inc TK11228BUCL Datasheet HTML 4Page - TOKO, Inc TK11228BUCL Datasheet HTML 5Page - TOKO, Inc TK11228BUCL Datasheet HTML 6Page - TOKO, Inc TK11228BUCL Datasheet HTML 7Page - TOKO, Inc TK11228BUCL Datasheet HTML 8Page - TOKO, Inc TK11228BUCL Datasheet HTML 9Page - TOKO, Inc TK11228BUCL Datasheet HTML 10Page - TOKO, Inc TK11228BUCL Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
October 1999 TOKO, Inc.
Page 7
TK112xxB
CONT
NOISE
BYPASS
VCONT 1
IIN
IOUT
CN
0.1 µF
VOUT
VIN
1.0 µF
2.2 µF
ICONT
VIN
+
+
+
+
VOUT
IOUT
ICONT
CN
0.1 µF
CONT
VCONT
1 µF
VIN
VIN
IIN
VOUT
+
NOISE
BYPASS
+
+
VOUT
2.2 µF
TYPICAL PERFORMANCE CHARACTERISTICS
T
A = 25 °C, unless otherwise specified.
TEST CIRCUITS
SOT-23L
SOT-89
VIN
CONT
VOUT
RS
1 µF
CN
CL = 10 µF to 0.22 µF
0.1 µF
112XXB
OUTPUT VOLTAGE RESPONSE
(OFF
→ON)
0
200
600
TIME (µs)
400
800
CN = 0.01 µF
CN = 0.1 µF
CL = 2.2 µF
ILOAD = 30 mA
LOAD REGULATION
0
50
100
IOUT (mA)
VOUT(TYP)
SHORT CIRCUIT CURRENT
0
150
300
IOUT (mA)
5
4
3
2
1
0
OUTPUT VOLTAGE VS. INPUT
VOLTAGE
0VIN = VOUT
VIN (V) (50 mV/DIV)
IOUT = 30 mA
IOUT = 50 mA
IOUT = 90 mA
IOUT = 0 mA
VOUT(TYP)
LINE REGULATION
0
10
20
VIN (V)
VOUT(TYP)
DROPOUT VOLTAGE VS.
OUTPUT CURRENT
0
200
IOUT (mA)
-400
-300
-200
0
100
-100
TRANSIENT RESPONSE
Note: Connect pin 5 to
ground for heat sink


Similar Part No. - TK11228BUCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11228A TOKO-TK11228A Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11228AMBX TOKO-TK11228AMBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11228AMTB TOKO-TK11228AMTB Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11228AMTL TOKO-TK11228AMTL Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11228AUBX TOKO-TK11228AUBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11228BUCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com