Electronic Components Datasheet Search |
|
V24A15C300BL2 Datasheet(PDF) 6 Page - Vicor Corporation |
|
V24A15C300BL2 Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 24V Maxi Family Rev. 4.9 Page 6 of 13 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes Efficiency 86 87.8 % Nominal input; full load; 25°C Ripple and noise 172 215 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.3 9.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 14.29 Amps Current limit 14.5 16.4 19.4 Amps Output voltage 95% of nominal Short circuit current 10 16.4 19.4 Amps Output voltage <250 mV 28 Vout, 400 W (e.g. V24A28C400BL) Parameter Min Typ Max Unit Notes Efficiency 87 88 % Nominal input; full load; 25°C Ripple and noise 100 125 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7.1 9.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 10.71 Amps Current limit 10.9 12.3 14.5 Amps Output voltage 95% of nominal Short circuit current 3 12.3 14.5 Amps Output voltage <250 mV 28 Vout, 300 W (e.g. V24A28C300BL) Parameter Min Typ Max Unit Notes Efficiency 86 88 % Nominal input; full load; 25°C Ripple and noise 120 150 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 10 13 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 11.11 Amps Current limit 11.3 12.8 15 Amps Output voltage 95% of nominal Short circuit current 7.77 12.8 15 Amps Output voltage <250 mV 36 Vout, 400 W (e.g. V24A36C400BL) MODULE SPECIFIC OPERATING SPECIFICATIONS Parameter Min Typ Max Unit Notes Efficiency 86.8 88.2 % Nominal input; full load; 25°C Ripple and noise 85 107 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7.8 10 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 12.5 Amps Current limit 12.7 14.4 16.9 Amps Output voltage 95% of nominal Short circuit current 8.75 14.4 16.9 Amps Output voltage <250 mV 24 Vout, 300 W (e.g. V24A24C300BL) Parameter Min Typ Max Unit Notes Efficiency 87 88.5 % Nominal input; full load; 25°C Ripple and noise 80 100 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 11 12 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 16.67 Amps Current limit 17 19.2 21.7 Amps Output voltage 95% of nominal Short circuit current 2.25 19.2 21.7 Amps Output voltage <250 mV 24 Vout, 400 W (e.g. V24A24C400BL) |
Similar Part No. - V24A15C300BL2 |
|
Similar Description - V24A15C300BL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |