Electronic Components Datasheet Search |
|
V48B24H250BN2 Datasheet(PDF) 5 Page - Vicor Corporation |
|
V48B24H250BN2 Datasheet(HTML) 5 Page - Vicor Corporation |
5 / 11 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 48V Mini Family Rev. 7.4 Page 5 of 11 Set your site on VICOR at vicorpower.com MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT) Parameter Min Typ Max Unit Notes Efficiency 88 89 % Nominal input; full load; 25°C Ripple and noise 220 275 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5 7.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 10.42 Amps Current limit 10.7 12.1 13.7 Amps Output voltage 95% of nominal Short circuit current 7.35 12.1 13.7 Amps Output voltage < 250 mV 24 Vout, 250 W (e.g. V48B24C250BL) Parameter Min Typ Max Unit Notes Efficiency 88.5 89.5 % Nominal input; full load; 25°C Ripple and noise 178 223 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5.8 8.7 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 8.93 Amps Current limit 9.1 10.3 12.1 Amps Output voltage 95% of nominal Short circuit current 5 10.3 12.1 Amps Output voltage < 250 mV 28 Vout, 250 W (e.g. V48B28C250BL) Parameter Min Typ Max Unit Notes Efficiency 88.5 89.3 % Nominal input; full load; 25°C Ripple and noise 250 313 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.9 11.1 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 6.94 Amps Current limit 7.07 7.98 9.37 Amps Output voltage 95% of nominal Short circuit current 4.85 7.98 9.37 Amps Output voltage <250 mV 36 Vout, 250 W (e.g. V48B36C250BL) Parameter Min Typ Max Unit Notes Efficiency 88.5 89.5 % Nominal input; full load; 25°C Ripple and noise 150 188 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 53.7 55.7 57.7 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 3.9 5.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 5.20 Amps Current limit 5.31 5.99 7.29 Amps Output voltage 95% of nominal Short circuit current 2.08 5.99 7.29 Amps Output voltage < 250 mV 48 Vout, 250 W (e.g. V48B48C250BL) |
Similar Part No. - V48B24H250BN2 |
|
Similar Description - V48B24H250BN2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |