Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48A38M500BG2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V48A38M500BG2
Description  48V Input Maxi Family DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48A38M500BG2 Datasheet(HTML) 5 Page - Vicor Corporation

  V48A38M500BG2 Datasheet HTML 1Page - Vicor Corporation V48A38M500BG2 Datasheet HTML 2Page - Vicor Corporation V48A38M500BG2 Datasheet HTML 3Page - Vicor Corporation V48A38M500BG2 Datasheet HTML 4Page - Vicor Corporation V48A38M500BG2 Datasheet HTML 5Page - Vicor Corporation V48A38M500BG2 Datasheet HTML 6Page - Vicor Corporation V48A38M500BG2 Datasheet HTML 7Page - Vicor Corporation V48A38M500BG2 Datasheet HTML 8Page - Vicor Corporation V48A38M500BG2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
48V Maxi Family
Rev. 7.4
Page 5 of 11
Set your site on VICOR at vicorpower.com
MODULE SPECIFIC OPERATING SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86
87.5
%
Nominal input; full load; 25°C
Ripple and noise
75
94
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
27.1
28.1
29.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
8
12
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
20.83
Amps
Current limit
21.3
23.4
25.1
Amps
Output voltage 95% of nominal
Short circuit current
14.6
23.4
25.1
Amps
Output voltage < 250 mV
24 Vout, 500 W (e.g. V48A24C500BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.5
89.4
%
Nominal input; full load; 25°C
Ripple and noise
50
63
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
31.5
32.7
33.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
7
10.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
17.86
Amps
Current limit
18.2
20.6
23.3
Amps
Output voltage 95% of nominal
Short circuit current
12.5
20.6
24.2
Amps
Output voltage <250 mV
28 Vout, 500 W (e.g. V48A28C500BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.5
86.8
%
Nominal input; full load; 25°C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
9.9
10.9
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
13.89
Amps
Current limit
14.1
16
18.8
Amps
Output voltage 95% of nominal
Short circuit current
9.73
16
18.8
Amps
Output voltage <250 mV
36 Vout, 500 W (e.g. V48A36C500BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.7
89.7
%
Nominal input; full load; 25°C
Ripple and noise
218
273
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
53.7
55.7
57.7
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
7.6
11.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10.42
Amps
Current limit
10.6
12
13.6
Amps
Output voltage 95% of nominal
Short circuit current
6.2
12
14.8
Amps
Output voltage < 250 mV
48 Vout, 500 W (e.g. V48A48C500BL)


Similar Part No. - V48A38M500BG2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A3V3C264A VICOR-V48A3V3C264A Datasheet
246Kb / 8P
   48Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48A3V3C264B VICOR-V48A3V3C264B Datasheet
150Kb / 8P
   48Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48A3V3C75B VICOR-V48A3V3C75B Datasheet
173Kb / 8P
   48Vin / 3.3Vout / 75Watts DC-DC Converter Module
V48A3V3E24B VICOR-V48A3V3E24B Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V48A3V3E24B VICOR-V48A3V3E24B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V48A38M500BG2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com