Electronic Components Datasheet Search |
|
V28A24T200BN3 Datasheet(PDF) 4 Page - Vicor Corporation |
|
V28A24T200BN3 Datasheet(HTML) 4 Page - Vicor Corporation |
4 / 10 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 28 V Maxi Family Rev. 1.7 Page 4 of 10 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes Efficiency 77.3 78.6 % Nominal input; full load; 25°C Ripple and noise 80 100 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP set point 4.14 4.30 4.46 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, stand-by 11.4 12.7 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 45.45 Amps Current limit 46.4 52.3 61.5 Amps Output voltage 95% of nominal Short circuit current 31.8 52.3 61.5 Amps Output voltage <250 mV 3.3 Vout, 150 W (e.g. V28A3V3C150BL) Parameter Min Typ Max Unit Notes Efficiency 75.7 76.8 % Nominal input; full load; 25°C Ripple and noise 280 350 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP set point 6.03 6.25 6.47 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, stand-by 14.4 15.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Curent 0 35 Amps Current limit 35.7 40.3 49.0 Amps Output voltage 95% of nominal Short circuit current 24.5 40.3 47.3 Amps Output voltage <250 mV 5 Vout, 175 W (e.g. V28A5C175BL) Parameter Min Typ Max Unit Notes Efficiency 76.8 78.8 % Nominal input; full load; 25°C Ripple and noise 275 344 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 7.7 7.98 8.26 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 11.6 12.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 30.77 Amps Current limit 31.4 35.4 41.6 Amps Output voltage 95% of nominal Short circuit current 21.5 35.4 41.6 Amps Output voltage <250 mV 6.5 Vout, 200 W (e.g. V28A6V5C200BL) Parameter Min Typ Max Unit Notes Efficiency 79.5 80.9 % Nominal input; full load; 25°C Ripple and noise 325 407 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 9.36 9.7 10.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 15.6 16.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 25 Amps Current limit 25.5 28.8 33.8 Amps Output voltage 95% of nominal Short circuit current 17.5 28.8 33.8 Amps Output voltage <250 mV 8 Vout, 200 W (e.g. V28A8C200BL) MODULE SPECIFIC OPERATING SPECIFICATIONS Parameter Min Typ Max Unit Notes Efficiency 81.0 83.0 % Nominal input; full load; 25°C Ripple and noise 280 350 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP set point 13.7 14.3 14.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, stand-by 11.0 12.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 16.67 Amps Current limit 17.0 19.2 22.6 Amps Output voltage 95% of nominal Short circuit current 11.6 19.2 22.6 Amps Output voltage < 250mV 12 Vout, 200 W (e.g. V28A12C200BL) |
Similar Part No. - V28A24T200BN3 |
|
Similar Description - V28A24T200BN3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |