Electronic Components Datasheet Search |
|
V150C15C150BL2 Datasheet(PDF) 9 Page - Vicor Corporation |
|
V150C15C150BL2 Datasheet(HTML) 9 Page - Vicor Corporation |
9 / 11 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 150V Micro Family Rev. 2.0 Page 9 of 11 Set your site on VICOR at vicorpower.com CONTROL FUNCTIONS - PR PIN (CONT.) R1 R2 U1 R3 2.55 k R4 R5 1.00 k U2 TLV431 C1 R7 21.0 k C2 0.22 µF R8 4.02 k C3 R9 R10 1.24 k U3 LM10 +S –S +Out SC –Out R Load PS2701 R11 36.5 k R6 1.65 k 470 pF 200 mV Vcc Gnd See Component Selection section below. +OUT SC –OUT L O A D Plane Ground Plane Module #1 Designated Master Module #2 trimmed down 2 % Module #3 trimmed down 4 % +OUT SC –OUT +OUT SC –OUT • The +Out and –Out power buses should be designed to minimize and balance parasitic impedance from each module output to the load. • At the discretion of the power system designer, a subset of all modules within an array may be configured as slaves by shorting SC to –Out. • Do not use output ORʼing diodes with MicroMods. • This module is designed for point of load regulation, where remote sensing is not required. Active voltage drop compensator, as shown here, may be used in applications with significant distribution losses. Please consult with the Micro Family Isolated Remote Sense Application Note for additional information. Figure 12 — Voltage drop compensation. Figure 11 — N+1 module array output connections. Designator Description Notes (None) Short Tin/Lead Requires in-board, mounting L Long Tin/Lead On-board mounting for 0.065" boards S Short ModuMate SurfMate or in-board socket mounting N Long ModuMate On-board socket mounting F Short RoHS Select for RoHS compliant in-board solder, socket, or SurfMate mounting G Long RoHS Select for RoHS compliant on-board solder or socket mounting * Pin style designator follows the “B” after the output power and precedes the baseplate designator. Ex. V150C12T150BN2 — Long ModuMate Pins PIN STYLES* |
Similar Part No. - V150C15C150BL2 |
|
Similar Description - V150C15C150BL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |