Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11249BUCL Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK11249BUCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11249BUCL Datasheet(HTML) 3 Page - TOKO, Inc

  TK11249BUCL Datasheet HTML 1Page - TOKO, Inc TK11249BUCL Datasheet HTML 2Page - TOKO, Inc TK11249BUCL Datasheet HTML 3Page - TOKO, Inc TK11249BUCL Datasheet HTML 4Page - TOKO, Inc TK11249BUCL Datasheet HTML 5Page - TOKO, Inc TK11249BUCL Datasheet HTML 6Page - TOKO, Inc TK11249BUCL Datasheet HTML 7Page - TOKO, Inc TK11249BUCL Datasheet HTML 8Page - TOKO, Inc TK11249BUCL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
October 1999 TOKO, Inc.
Page 3
TK112xxB
Supply Voltage ......................................................... 16 V
Power Dissipation SOT-23L (Note1) .................. 600 mW
Power Dissipation SOT-89 (Note1) .................... 900 mW
Reverse Bias .............................................................. 7 V
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -30 to +80
°C
Operating Voltage Range ............................ 1.8 to 14.5 V
Junction Temperature ........................................... 150
°C
ABSOLUTE MAXIMUM RATINGS TK1121xBC (V
OUT ≤ 1.9 V)
TK1121xBC ELECTRICAL CHARACTERISTICS (V
OUT ≤ 1.9 V)
Test conditions: T
A = 25 °C, unless otherwise specified.
Note 1: When mounted as recommended. Derate at 4.8 mw/
°C for SOT-23L and 6.4 mw/°C for SOT-89 packages for operation above 25 °C.
Note 2: Refer to “Definition of Terms.”
Note 3: Ripple rejection and noise voltage are affected by the value and characteristics of the capacitor used.
Note 4: Output noise voltage can be reduced by connecting a capacitor to a noise pass terminal.
Gen Note: Parameters with min. or max. values are 100% tested at T
A = 25 °C.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
T
U
O
I
g
n
i
d
u
l
c
x
E
,
A
m
0
=
T
N
O
C
0
7
10
5
2A
µ
I
Y
B
T
S
t
n
e
r
r
u
C
y
b
d
n
a
t
SV
N
I
F
F
O
t
u
p
t
u
O
,
V
8
=1
.
0A
µ
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
OI
T
U
O
A
m
0
3
=2
e
l
b
a
T
e
e
SV
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
L)
2
e
t
o
N
(0
.
30
2V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L
I
T
U
O
)
2
e
t
o
N
(
,
A
m
0
6
o
t
1
=6
0
3V
m
I
T
U
O
)
2
e
t
o
N
(
,
A
m
0
0
1
o
t
1
=8
10
6V
m
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
s
u
o
u
n
i
t
n
o
C
V
4
.
2
≤ V
N
I
)
2
e
t
o
N
(
,
V
6
.
20
3
1A
m
V
N
I
)
2
e
t
o
N
(
,
V
6
.
20
5
1A
m
I
)
E
S
L
U
P
(
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
s
l
u
P
V
,
e
s
l
u
p
s
m
5
N
I
,
V
6
.
2
e
l
c
y
c
y
t
u
d
%
5
.
2
1
0
8
1A
m
R
Rn
o
i
t
c
e
j
e
R
e
l
p
p
i
R
C
,
z
H
0
0
4
=
f
L
C
,
F
µ
0
1
=
N
,
F
µ
1
.
0
=
V
N
I
V
=
T
U
O
I
,
V
5
.
1
+
T
U
O
,
A
m
0
3
=
V
E
L
P
P
I
R
)
3
e
t
o
N
(
,
s
m
r
V
m
0
0
1
=
5
5B
d
V
O
N
e
g
a
t
l
o
V
e
s
i
o
N
t
u
p
t
u
O
z
H
0
1
≤ f ≤
C
,
z
H
k
0
8
L
,
F
µ
0
1
=
C
N
V
,
F
µ
1
.
0
=
N
C
V
=
T
U
O
,
V
5
.
1
+
I
T
U
O
)
4
,
3
s
e
t
o
N
(
,
A
m
0
6
=
0
3s
m
r
V
µ
V
f
e
r
l
a
n
i
m
r
e
T
s
s
a
p
y
B
e
s
i
o
N
e
g
a
t
l
o
V
5
2
.
1V
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TI
T
U
O
A
m
0
1
=0
4C
°
/
m
p
p
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
N
I
M
R
E
T
L
O
R
T
N
O
C
I
T
N
O
C
t
n
e
r
r
u
C
l
o
r
t
n
o
CV
T
N
O
C
N
O
t
u
p
t
u
O
,
V
8
.
1
=2
15
3A
µ
V
)
N
O
(
T
N
O
C
N
O
e
g
a
t
l
o
V
l
o
r
t
n
o
CN
O
t
u
p
t
u
O8
.
1V
V
)
F
F
O
(
T
N
O
C
F
F
O
e
g
a
t
l
o
V
l
o
r
t
n
o
CF
F
O
t
u
p
t
u
O6
.
0V


Similar Part No. - TK11249BUCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11249A TOKO-TK11249A Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11249AMBX TOKO-TK11249AMBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11249AMTB TOKO-TK11249AMTB Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11249AMTL TOKO-TK11249AMTL Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11249AUBX TOKO-TK11249AUBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11249BUCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com