Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V110B24C150BF Datasheet(PDF) 5 Page - Vicor Corporation

Part # V110B24C150BF
Description  110V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110B24C150BF Datasheet(HTML) 5 Page - Vicor Corporation

  V110B24C150BF Datasheet HTML 1Page - Vicor Corporation V110B24C150BF Datasheet HTML 2Page - Vicor Corporation V110B24C150BF Datasheet HTML 3Page - Vicor Corporation V110B24C150BF Datasheet HTML 4Page - Vicor Corporation V110B24C150BF Datasheet HTML 5Page - Vicor Corporation V110B24C150BF Datasheet HTML 6Page - Vicor Corporation V110B24C150BF Datasheet HTML 7Page - Vicor Corporation V110B24C150BF Datasheet HTML 8Page - Vicor Corporation V110B24C150BF Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
110V Mini Family
Rev. 2.3
Page 5 of 13
Set your site on VICOR at vicorpower.com
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.9
86.8
%
Nominal input; full load; 25°C
Ripple and noise
185
232
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
7
8.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
16.67
Amps
Current limit
17
19.2
22.6
Amps
Output voltage 95% of nominal
Short circuit current
11.6
19.2
22.6
Amps
Output voltage <250 mV
12 Vout, 200 W (e.g. V110B12C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
84.6
87.4
%
Nominal input; full load; 25°C
Ripple and noise
160
200
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.7
5.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
12.5
Amps
Current limit
12.7
14.4
16.9
Amps
Output voltage 95% of nominal
Short circuit current
8.75
14.4
16.9
Amps
Output voltage <250 mV
12 Vout, 150 W (e.g. V110B12C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87
88.1
%
Nominal input; full load; 25°C
Ripple and noise
240
300
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
7.3
8.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
13.33
Amps
Current limit
13.5
15.3
18
Amps
Output voltage 95% of nominal
Short circuit current
6.5
15.3
18
Amps
Output voltage <250 mV
15 Vout, 200 W (e.g. V110B15C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87
88.8
%
Nominal input; full load; 25°C
Ripple and noise
208
260
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.9
5.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10
Amps
Current limit
10.2
11.5
13.5
Amps
Output voltage 95% of nominal
Short circuit current
7
11.5
13.5
Amps
Output voltage <250 mV
15 Vout, 150 W (e.g. V110B15C150BL)


Similar Part No. - V110B24C150BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110B24C200BL VICOR-V110B24C200BL Datasheet
607Kb / 14P
   DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL_16 Datasheet
607Kb / 14P
   DC-DC Converter Module
More results

Similar Description - V110B24C150BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com