Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1922E Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1922E
Description  High-Temperature Logger iButton with 8KB Data-Log Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1922E Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1922E Datasheet HTML 4Page - Maxim Integrated Products DS1922E Datasheet HTML 5Page - Maxim Integrated Products DS1922E Datasheet HTML 6Page - Maxim Integrated Products DS1922E Datasheet HTML 7Page - Maxim Integrated Products DS1922E Datasheet HTML 8Page - Maxim Integrated Products DS1922E Datasheet HTML 9Page - Maxim Integrated Products DS1922E Datasheet HTML 10Page - Maxim Integrated Products DS1922E Datasheet HTML 11Page - Maxim Integrated Products DS1922E Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
High-Temperature Logger iButton with 8KB
Data-Log Memory
8
_______________________________________________________________________________________
AVAILABLE COMMANDS:
DATA FIELD AFFECTED:
READ ROM
MATCH ROM
SEARCH ROM
CONDITIONAL SEARCH ROM
SKIP ROM
RESUME
OVERDRIVE-SKIP ROM
OVERDRIVE-MATCH ROM
64-BIT ROM, RC-FLAG
64-BIT ROM, RC-FLAG
64-BIT ROM, RC-FLAG
64-BIT ROM, RC-FLAG, ALARM FLAGS, SEARCH CONDITIONS
RC-FLAG
RC-FLAG
RC-FLAG, OD-FLAG
64-BIT ROM, RC-FLAG, OD-FLAG
1-Wire ROM
FUNCTION COMMANDS
WRITE SCRATCHPAD
READ SCRATCHPAD
COPY SCRATCHPAD WITH PW
READ MEMORY WITH PW AND CRC
CLEAR MEMORY WITH PW
FORCED CONVERSION
START MISSION WITH PW
STOP MISSION WITH PW
256-BIT SCRATCHPAD, FLAGS
256-BIT SCRATCHPAD
512-BYTE DATA MEMORY, REGISTERS, FLAGS, PASSWORDS
MEMORY, REGISTERS, PASSWORDS
MISSION TIMESTAMP, MISSION SAMPLES COUNTER,
START DELAY, ALARM FLAGS, PASSWORDS
MEMORY ADDRESSES 020Ch TO 020Dh
FLAGS, TIMESTAMP, MEMORY ADDRESSES
020Ch TO 020Dh (WHEN LOGGING)
FLAGS
DS1922E-SPECIFIC
MEMORY FUNCTION COMMANDS
COMMAND LEVEL:
BUS
MASTER
1-Wire NET
OTHER DEVICES
DS1922E
Figure 2. Hierarchical Structure for 1-Wire Protocol
MSB
8-BIT
CRC CODE
48-BIT SERIAL NUMBER
MSB
MSB
LSB
LSB
LSB
8-BIT FAMILY CODE
(41h)
MSB
LSB
Figure 3. 64-Bit Lasered ROM
1ST
STAGE
2ND
STAGE
3RD
STAGE
4TH
STAGE
7TH
STAGE
8TH
STAGE
6TH
STAGE
5TH
STAGE
X0
X1
X2
X3
X4
POLYNOMIAL = X8 + X5 + X4 + 1
INPUT DATA
X5
X6
X7
X8
Figure 4. 1-Wire CRC Generator


Similar Part No. - DS1922E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
DS1922E MAXIM-DS1922E Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922E-F5 MAXIM-DS1922E-F5 Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922E-F5# MAXIM-DS1922E-F5# Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922E-F5- MAXIM-DS1922E-F5- Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
More results

Similar Description - DS1922E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
   Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
   Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1925 MAXIM-DS1925 Datasheet
902Kb / 46P
   iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
Rev 4; 6/20
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
   High-Temperature Logger iButton with 8KB
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com