Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V150B28M150BN Datasheet(PDF) 2 Page - Vicor Corporation

Part # V150B28M150BN
Description  150V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V150B28M150BN Datasheet(HTML) 2 Page - Vicor Corporation

  V150B28M150BN Datasheet HTML 1Page - Vicor Corporation V150B28M150BN Datasheet HTML 2Page - Vicor Corporation V150B28M150BN Datasheet HTML 3Page - Vicor Corporation V150B28M150BN Datasheet HTML 4Page - Vicor Corporation V150B28M150BN Datasheet HTML 5Page - Vicor Corporation V150B28M150BN Datasheet HTML 6Page - Vicor Corporation V150B28M150BN Datasheet HTML 7Page - Vicor Corporation V150B28M150BN Datasheet HTML 8Page - Vicor Corporation V150B28M150BN Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
150V Mini Family
Rev. 1.9
Page 2 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
100
150
200
Vdc
Input surge withstand
250
Vdc
<100 ms
Undervoltage turn-on
97.0
99.0
Vdc
Undervoltage turn-off
81.9
84.9
Vdc
Overvoltage turn-off/on
201.9
210
220
Vdc
Disabled input current
1.1
mA
PC pin low
Parameter
Min
Typ
Max
Unit
Notes
Output voltage setpoint
±1
% Vout nom.
Nominal input; full load; 25°C
Line regulation
±0.02
±0.20
%
Low line to high line; full load
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
± 2
± 5
%
10 to 100% of full load
Of nominal output voltage. For trimming below 90%
Programming range
10
110
%
of nominal, a minimum load of 10% of maximum
rated power may be required.
+Out to –Out, +Sense to –Out — Absolute Maximum Ratings
3.3 V
–0.5 to 4.7
Vdc
Externally applied
5 V
–0.5 to 7.0
Vdc
Externally applied
8 V
–0.5 to 10.9
Vdc
Externally applied
12 V
–0.5 to 16.1
Vdc
Externally applied
15 V
–0.5 to 20.0
Vdc
Externally applied
24 V
–0.5 to 31.7
Vdc
Externally applied
28 V
–0.5 to 36.9
Vdc
Externally applied
36 V
–0.5 to 47.4
Vdc
Externally applied
48 V
–0.5 to 62.9
Vdc
Externally applied
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading, contact Vicor applications
engineering at 800-927-9474.
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.16
°C/Watt
Baseplate to sink; thermal pad (P/N 20265)
0.14
°C/Watt
Baseplate to ambient
8.0
°C/Watt
Baseplate to ambient; 1000 LFM
1.9
°C/Watt
Thermal capacity
83
Watt-sec/°C
THERMAL RESISTANCE AND CAPACITY
MODULE FAMILY ELECTRICAL CHARACTERISTICS


Similar Part No. - V150B28M150BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150B24C250BL VICOR-V150B24C250BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL_15 Datasheet
1Mb / 13P
   DC-DC Converter Module
More results

Similar Description - V150B28M150BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com