Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24A38T300BS3 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V24A38T300BS3
Description  24V Input Maxi Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24A38T300BS3 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V24A38T300BS3 Datasheet HTML 4Page - Vicor Corporation V24A38T300BS3 Datasheet HTML 5Page - Vicor Corporation V24A38T300BS3 Datasheet HTML 6Page - Vicor Corporation V24A38T300BS3 Datasheet HTML 7Page - Vicor Corporation V24A38T300BS3 Datasheet HTML 8Page - Vicor Corporation V24A38T300BS3 Datasheet HTML 9Page - Vicor Corporation V24A38T300BS3 Datasheet HTML 10Page - Vicor Corporation V24A38T300BS3 Datasheet HTML 11Page - Vicor Corporation V24A38T300BS3 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24V Maxi Family
Rev. 4.9
Page 8 of 13
Set your site on VICOR at vicorpower.com
Module Enable/Disable
The module may be disabled by pulling PC below 2.3 V with
respect to the –Input. This may be done with an open collector
transistor, relay, or optocoupler. Multiple converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes. See Figure 1.
Primary Auxiliary Supply
At 5.7 V, PC can source up to 1.5 mA. In the example shown
in Figure 3, PC powers a module enabled LED.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will
shut down and PC will go low. PC will periodically go high
and the module will check to see if the fault (as an example,
overtemperature) has cleared. If the fault has not been cleared,
PC will go low again and the cycle will restart. The SC pin
will go low in the event of a fault and return to its normal
state after the fault has been cleared. See Figures 2 and 4.
+IN
PC
PR
–IN
Disable
Disable = PC <2.3 V
Figure 1 — Module enable/disable.
Figure 3 — LED on-state indicator.
+IN
PC
PR
–IN
4 k
Ω
"Module
Enabled"
+IN
PC
PR
–IN
Optocoupler
4 k
Ω
Alarm
1.00V
+OUT
+S
SC
–S
–OUT
Comparator
+OUT
+S
SC
–S
– OUT
+IN
PC
PR
–IN
Input Undervoltage
2-20 ms typ.
f (VIN)
Auto
Restart
5.7 Vdc
(0-3 mA)
50
Ω
SW2
SW3
1.23
Vdc
6 K
1 K
SW1
SW1, 2, & 3
shown in
"Fault" position
Input Overvoltage (See Note 1)
Overtemperature
Module Faults
1
Not applicable for 300 Vdc input family
1 M
Figure 2 — PC/SC module alarm logic.
Figure 5 — Isolated on-state indicator.
2–20 ms typical
Fault
SC
PC
1.23 V
5.7 V
40
μs typ.
Figure 4 — PC/SC module alarm timing.
Figure 6 — Secondary side on-state indicator.
CONTROL FUNCTIONS - PC PIN


Similar Part No. - V24A38T300BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A36C300B VICOR-V24A36C300B Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A36C300B2 VICOR-V24A36C300B2 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A36C300B3 VICOR-V24A36C300B3 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A36C300BF VICOR-V24A36C300BF Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A36C300BF2 VICOR-V24A36C300BF2 Datasheet
512Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24A38T300BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com