Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V110A24M300BF Datasheet(PDF) 2 Page - Vicor Corporation

Part # V110A24M300BF
Description  110V Input Maxi Family DC-DC Converter Module Features
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110A24M300BF Datasheet(HTML) 2 Page - Vicor Corporation

  V110A24M300BF Datasheet HTML 1Page - Vicor Corporation V110A24M300BF Datasheet HTML 2Page - Vicor Corporation V110A24M300BF Datasheet HTML 3Page - Vicor Corporation V110A24M300BF Datasheet HTML 4Page - Vicor Corporation V110A24M300BF Datasheet HTML 5Page - Vicor Corporation V110A24M300BF Datasheet HTML 6Page - Vicor Corporation V110A24M300BF Datasheet HTML 7Page - Vicor Corporation V110A24M300BF Datasheet HTML 8Page - Vicor Corporation V110A24M300BF Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
110V Maxi Family
Rev. 2.1
Page 2 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
66
110
154
Vdc
EN50155
Input surge withstand
250
Vdc
<100 ms
Undervoltage turn-on
64
65.4
Vdc
Undervoltage turn-off
54
56
Vdc
Overvoltage turn-off/on
155.5
161.7
169.4
Vdc
Disabled input current
1.3
mA
PC pin low
Parameter
Min
Typ
Max
Unit
Notes
Output voltage setpoint
±1
% Vout nom.
Nominal input; full load; 25°C
Line regulation
±0.02
±0.20
%
Low line to high line; full load
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
± 2
± 5
%
10 to 100% of full load
Of nominal output voltage. For trimming below 90%
Programming range
10
110
%
of nominal, a minimum load of 10% of maximum
rated power may be required.
+Out to –Out, +Sense to –Out — Absolute Maximum Ratings
3.3 V
–0.5 to 4.7
Vdc
Externally applied
5 V
–0.5 to 7.0
Vdc
Externally applied
8 V
–0.5 to 10.9
Vdc
Externally applied
12 V
–0.5 to 16.1
Vdc
Externally applied
15 V
–0.5 to 20.0
Vdc
Externally applied
24 V
–0.5 to 31.7
Vdc
Externally applied
28 V
–0.5 to 36.9
Vdc
Externally applied
36 V
–0.5 to 47.4
Vdc
Externally applied
48 V
–0.5 to 62.9
Vdc
Externally applied
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading, contact Vicor applications
engineering at 800-927-9474.
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.08
°C/Watt
Baseplate to sink; thermal pad (P/N 20265)
0.07
°C/Watt
Baseplate to ambient
4.9
°C/Watt
Baseplate to ambient; 1000 LFM
1.1
°C/Watt
Thermal capacity
165
Watt-sec/°C
THERMAL RESISTANCE AND CAPACITY
MODULE FAMILY ELECTRICAL CHARACTERISTICS


Similar Part No. - V110A24M300BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110A24C400BL VICOR-V110A24C400BL Datasheet
507Kb / 14P
   DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL_16 Datasheet
507Kb / 14P
   DC-DC Converter Module
More results

Similar Description - V110A24M300BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com