Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V110C15H100BN2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # V110C15H100BN2
Description  110V Input Micro Family DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110C15H100BN2 Datasheet(HTML) 1 Page - Vicor Corporation

  V110C15H100BN2 Datasheet HTML 1Page - Vicor Corporation V110C15H100BN2 Datasheet HTML 2Page - Vicor Corporation V110C15H100BN2 Datasheet HTML 3Page - Vicor Corporation V110C15H100BN2 Datasheet HTML 4Page - Vicor Corporation V110C15H100BN2 Datasheet HTML 5Page - Vicor Corporation V110C15H100BN2 Datasheet HTML 6Page - Vicor Corporation V110C15H100BN2 Datasheet HTML 7Page - Vicor Corporation V110C15H100BN2 Datasheet HTML 8Page - Vicor Corporation V110C15H100BN2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
110V Micro Family
Rev. 2.3
Page 1 of 11
Set your site on VICOR at vicorpower.com
Absolute Maximum Ratings
Data Sheet
110V Input Micro Family
DC-DC Converter Module
Output Voltage
3 V 3 =3.3 V
5 =5 V
8 =8 V
12 = 12 V
15 = 15 V
24 = 24 V
28 = 28 V
36 = 36 V
48 = 48 V
Product Grade Temperatures (°C)
Grade
Operating
Storage
E =
- 10 to +100
- 20 to +125
C =
- 20 to +100
- 40 to +125
T =
- 40 to +100
- 40 to +125
H =
- 40 to +100
- 55 to +125
M =
- 55 to +100
- 65 to +125
Output Power
Vout
Pout
3.3 V
50 W
5 V
75 W
8 V
75 W
12 V
100 W
15 V
100 W
24 V
100 W
28 V
100 W
36 V
100 W
48 V
100 W
Pin Style
Blank: Short Tin/Lead
L: Long Tin/Lead
S: Short ModuMate
N: Long ModuMate
F: Short RoHS
G: Long RoHS
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
For a description of pin
options, see page 9.
Baseplate options include
slotted flanges, threaded
and through-hole.
See page 10 for dimensions.
For other package sizes and
power levels, see the Mini
(half size) and Maxi (full
size) datasheets.
Part Numbering
e.g. V110C12C100BL
V110C
B
Shown actual size:
2.28 x 1.45 x 0.5 in
57,9 x 36,8 x 12,7 mm
Features
DC input range: 66 – 154 V (continuous)
Encapsulated circuitry for shock and
vibration resistance
Extended temperature range
(–55 to +100°C)
Input surge withstand: 250 V for 100 ms
DC output: 3.3 – 48 V
Programmable output: 10 to 110%
Regulation: ±0.3% no load to full load
Efficiency: Up to 87%
Maximum operating temp: 100°C, full load
Power density: up to 60 W per cubic inch
Height above board: 0.43 in. (10,9 mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
RoHS Compliant (with F or G pin option)
Agency approvals
Product Overview
These DC-DC converter modules use
advanced power processing, control and
packaging technologies to provide the
performance, flexibility, reliability and cost
effectiveness of a mature power component.
High frequency ZCS/ZVS switching
provides high power density with low
noise and high efficiency.
Applications
Railway/Transportation system applications
including communications systems,
information display, lighting, control
systems, ticket machines, passenger
entertainment, public address systems, door
control, industrial power systems and
power generation systems.
Parameter
Rating
Unit
Notes
+In to –In voltage
–0.5 to +260
Vdc
PC to –In voltage
–0.5 to +7.0
Vdc
PR to –In voltage
–0.5 to +7.0
Vdc
SC to –Out voltage
–0.5 to +1.5
Vdc
–Sense to –Out voltage
1.0
Vdc
Isolation voltage
in to out
3000
Vrms
Test voltage
in to base
1500
Vrms
Test voltage
out to base
500
Vrms
Test voltage
Operating Temperature
–55 to +100
°C
M-Grade
Storage Temperature
–65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
< 5 sec; wave solder
750 (390)
°F (°C)
< 7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each


Similar Part No. - V110C15H100BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110C15T100BG VICOR-V110C15T100BG Datasheet
1Mb / 12P
   DC input range 66-154 V (continuous)
More results

Similar Description - V110C15H100BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com