Electronic Components Datasheet Search |
|
V110A24E400BF Datasheet(PDF) 6 Page - Vicor Corporation |
|
V110A24E400BF Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 110V Maxi Family Rev. 2.1 Page 6 of 13 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes Efficiency 87 87.7 % Nominal input; full load; 25°C Ripple and noise 160 200 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 14.4 15.4 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 14.28 Amps Current limit 14.5 16.4 20 Amps Output voltage 95% of nominal Short circuit current 10 16.4 20 Amps Output voltage <250 mV 28 Vout, 400 W (e.g. V110A28C400BL) Parameter Min Typ Max Unit Notes Efficiency 86.7 87.7 % Nominal input; full load; 25°C Ripple and noise 225 282 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 10.9 11.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 10.71 Amps Current limit 10.9 12.3 14.5 Amps Output voltage 95% of nominal Short circuit current 7.49 12.3 14.5 Amps Output voltage <250 mV 28 Vout, 300 W (e.g. V110A28C300BL) Parameter Min Typ Max Unit Notes Efficiency 85.6 86.6 % Nominal input; full load; 25°C Ripple and noise 140 175 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 14.6 15.4 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 16.67 Amps Current limit 17 19.2 22.6 Amps Output voltage 95% of nominal Short circuit current 11.6 19.2 22.6 Amps Output voltage <250 mV 24 Vout, 400 W (e.g. V110A24C400BL) Parameter Min Typ Max Unit Notes Efficiency 87.5 88.9 % Nominal input; full load; 25°C Ripple and noise 195 244 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7.9 10.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 12.5 Amps Current limit 12.7 14.4 16.9 Amps Output voltage 95% of nominal Short circuit current 8.75 14.4 16.9 Amps Output voltage <250 mV 24 Vout, 300 W (e.g. V110A24C300BL) MODULE SPECIFIC OPERATING SPECIFICATIONS |
Similar Part No. - V110A24E400BF |
|
Similar Description - V110A24E400BF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |