Electronic Components Datasheet Search |
|
V110C28E100BF2 Datasheet(PDF) 1 Page - Vicor Corporation |
|
V110C28E100BF2 Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 11 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 110V Micro Family Rev. 2.3 Page 1 of 11 Set your site on VICOR at vicorpower.com Absolute Maximum Ratings Data Sheet 110V Input Micro Family DC-DC Converter Module Output Voltage 3 V 3 =3.3 V 5 =5 V 8 =8 V 12 = 12 V 15 = 15 V 24 = 24 V 28 = 28 V 36 = 36 V 48 = 48 V Product Grade Temperatures (°C) Grade Operating Storage E = - 10 to +100 - 20 to +125 C = - 20 to +100 - 40 to +125 T = - 40 to +100 - 40 to +125 H = - 40 to +100 - 55 to +125 M = - 55 to +100 - 65 to +125 Output Power Vout Pout 3.3 V 50 W 5 V 75 W 8 V 75 W 12 V 100 W 15 V 100 W 24 V 100 W 28 V 100 W 36 V 100 W 48 V 100 W Pin Style Blank: Short Tin/Lead L: Long Tin/Lead S: Short ModuMate N: Long ModuMate F: Short RoHS G: Long RoHS Baseplate Blank: Slotted 2: Threaded 3: Through-hole For a description of pin options, see page 9. Baseplate options include slotted flanges, threaded and through-hole. See page 10 for dimensions. For other package sizes and power levels, see the Mini (half size) and Maxi (full size) datasheets. Part Numbering e.g. V110C12C100BL V110C B Shown actual size: 2.28 x 1.45 x 0.5 in 57,9 x 36,8 x 12,7 mm Features • DC input range: 66 – 154 V (continuous) • Encapsulated circuitry for shock and vibration resistance • Extended temperature range (–55 to +100°C) • Input surge withstand: 250 V for 100 ms • DC output: 3.3 – 48 V • Programmable output: 10 to 110% • Regulation: ±0.3% no load to full load • Efficiency: Up to 87% • Maximum operating temp: 100°C, full load • Power density: up to 60 W per cubic inch • Height above board: 0.43 in. (10,9 mm) • Parallelable, with N+M fault tolerance • Low noise ZCS/ZVS architecture • RoHS Compliant (with F or G pin option) • Agency approvals Product Overview These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effectiveness of a mature power component. High frequency ZCS/ZVS switching provides high power density with low noise and high efficiency. Applications Railway/Transportation system applications including communications systems, information display, lighting, control systems, ticket machines, passenger entertainment, public address systems, door control, industrial power systems and power generation systems. Parameter Rating Unit Notes +In to –In voltage –0.5 to +260 Vdc PC to –In voltage –0.5 to +7.0 Vdc PR to –In voltage –0.5 to +7.0 Vdc SC to –Out voltage –0.5 to +1.5 Vdc –Sense to –Out voltage 1.0 Vdc Isolation voltage in to out 3000 Vrms Test voltage in to base 1500 Vrms Test voltage out to base 500 Vrms Test voltage Operating Temperature –55 to +100 °C M-Grade Storage Temperature –65 to +125 °C M-Grade Pin soldering temperature 500 (260) °F (°C) < 5 sec; wave solder 750 (390) °F (°C) < 7 sec; hand solder Mounting torque 5 (0.57) in-lbs (N-m) 6 each |
Similar Part No. - V110C28E100BF2 |
|
Similar Description - V110C28E100BF2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |