Electronic Components Datasheet Search |
|
V150B24T150BF Datasheet(PDF) 6 Page - Vicor Corporation |
|
V150B24T150BF Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 150V Mini Family Rev. 1.9 Page 6 of 13 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes Efficiency 88.2 89.2 % Nominal input; full load; 25°C Ripple and noise 120 150 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.1 7 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 8.93 Amps Current limit 9.1 10.3 12.1 Amps Output voltage 95% of nominal Short circuit current 6.25 10.3 12.1 Amps Output voltage <250 mV 28 Vout, 250 W (e.g. V150B28C250BL) Parameter Min Typ Max Unit Notes Efficiency 86.5 87.9 % Nominal input; full load; 25°C Ripple and noise 190 238 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 4.5 5.1 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 5.36 Amps Current limit 5.46 6.16 7.24 Amps Output voltage 95% of nominal Short circuit current 3.75 6.16 7.24 Amps Output voltage <250 mV 28 Vout, 150 W (e.g. V150B28C150BL) Parameter Min Typ Max Unit Notes Efficiency 86.9 88.2 % Nominal input; full load; 25°C Ripple and noise 152 190 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7.7 8.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 6.25 Amps Current limit 6.37 7.19 8.44 Amps Output voltage 95% of nominal Short circuit current 4.37 7.19 8.44 Amps Output voltage <250 mV 24 Vout, 150 W (e.g. V150B24C150BL) Parameter Min Typ Max Unit Notes Efficiency 86 89 % Nominal input; full load; 25°C Ripple and noise 155 194 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7 9 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 6.94 Amps Current limit 7.07 7.98 9.71 Amps Output voltage 95% of nominal Short circuit current 4.85 7.98 9.71 Amps Output voltage <250 mV 36 Vout, 250 W (e.g. V150B36C250BL) Parameter Min Typ Max Unit Notes Efficiency 87.2 88.6 % Nominal input; full load; 25°C Ripple and noise 140 175 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7.3 8.0 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 4.17 Amps Current limit 4.25 4.8 5.63 Amps Output voltage 95% of nominal Short circuit current 2.91 4.8 5.63 Amps Output voltage <250 mV 36 Vout, 150 W (e.g. V150B36C150BL) MODULE SPECIFIC OPERATING SPECIFICATIONS |
Similar Part No. - V150B24T150BF |
|
Similar Description - V150B24T150BF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |