Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX148 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX148_09 Datasheet HTML 1Page - Maxim Integrated Products MAX148_09 Datasheet HTML 2Page - Maxim Integrated Products MAX148_09 Datasheet HTML 3Page - Maxim Integrated Products MAX148_09 Datasheet HTML 4Page - Maxim Integrated Products MAX148_09 Datasheet HTML 5Page - Maxim Integrated Products MAX148_09 Datasheet HTML 6Page - Maxim Integrated Products MAX148_09 Datasheet HTML 7Page - Maxim Integrated Products MAX148_09 Datasheet HTML 8Page - Maxim Integrated Products MAX148_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
4 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V; COM = 0; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps);
MAX149—4.7FF capacitor at VREF pin; MAX148—external reference, VREF = 2.500V applied to VREF pin; TA = TMIN to TMAX, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (DIN, SCLK, CS, SHDN)
DIN, SCLK, CS Input High Voltage
VIH
VDD ≤ 3.6V
2.0
V
VDD > 3.6V
3.0
DIN, SCLK, CS Input Low Voltage
VIL
0.8
V
DIN, SCLK, CS Input Hysteresis
VHYST
0.2
V
DIN, SCLK, CS Input Leakage
IIN
VIN = 0 or VDD
±0.01
±1
μA
DIN, SCLK, CS Input Capacitance
CIN
(Note 10)
15
pF
SHDN Input High Voltage
VSH
VDD -
0.4
V
SHDN Input Mid Voltage
VSM
1.1
VDD -
1.1
V
SHDN Input Low Voltage
VSL
0.4
V
SHDN Input Current
IS
SHDN = 0 or VDD
±4.0
μA
SHDN Voltage, Unconnected
VFLT
SHDN = unconnected
VDD/2
V
SHDN Maximum Allowed
Leakage, Mid Input
SHDN = unconnected
±100
nA
DIGITAL OUTPUTS (DOUT, SSTRB)
Output-Voltage Low
VOL
ISINK = 5mA
0.4
V
ISINK = 16mA
0.8
Output-Voltage High
VOH
ISOURCE = 0.5mA
VDD -
0.5
V
Three-State Leakage Current
IL
CS = VDD
±0.01
±10
μA
Three-State Output Capacitance
COUT
CS = VDD (Note 10)
15
pF
POWER REQUIREMENTS
Positive Supply Voltage
VDD
2.70
5.25
V
Positive Supply Current
IDD
Operating mode, full-scale
input (Note 11)
VDD = 5.25V
1.6
3.0
mA
VDD = 3.6V
1.2
2.0
Full power-down
VDD = 5.25V
3.5
15
μA
VDD = 3.6V
1.2
10
Fast power-down (MAX149)
30
70
Supply Rejection (Note 12)
PSR
Full-scale input, external reference =
2.500V, VDD = 2.7V to 5.25V
±0.3
mV


Similar Part No. - MAX148_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
More results

Similar Description - MAX148_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com