Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX148ACAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX148ACAP
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148ACAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX148ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX148ACAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
6 ______________________________________________________________________________________
INTEGRAL NONLINEARITY
vs. CODE
CODE
768
512
256
-0.10
-0.05
0
0.05
0.10
0
1024
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
2.75
0.025
0.050
0.075
0.100
0.125
0
2.25
5.25
MAX149
MAX148
INTEGRAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (NC)
100
60
-20
20
0.025
0.050
0.075
0.100
0.125
0
-60
140
MAX149
MAX148
VDD = 2.7V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
2.75
0.75
1.00
1.25
1.50
1.75
2.00
0.50
2.25
5.25
RL = J
CODE = 1010101000
MAX149
MAX148
CLOAD = 50pF
CLOAD = 20pF
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
2.75
0.5
1.0
1.5
2.0
2.5
3.0
0
2.25
5.25
FULL POWER-DOWN
MAX149 INTERNAL REFERENCE
VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
2.75
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
2.4990
2.25
5.25
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (NC)
100
60
20
-20
0.9
1.0
1.1
1.2
1.3
0.8
-60
140
RL0AD = J
CODE = 1010101000
MAX149
MAX148
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
100
60
20
-20
0.4
0.8
1.2
1.6
2.0
0
-60
140
MAX149 INTERNAL REFERENCE
VOLTAGE vs. TEMPERATURE
TEMPERATURE (NC)
100
60
20
-20
2.495
2.496
2.497
2.498
2.499
2.500
2.501
2.494
-60
140
VDD = 5.25V
VDD = 2.7V
VDD = 3.6V
Typical Operating Characteristics
(VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25NC, unless otherwise noted.)


Similar Part No. - MAX148ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148ACAP MAXIM-MAX148ACAP Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148ACAP MAXIM-MAX148ACAP Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148ACAP++ MAXIM-MAX148ACAP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148ACAP++ MAXIM-MAX148ACAP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results

Similar Description - MAX148ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com