Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX312L Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX312L
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312L Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX312L_08 Datasheet HTML 5Page - Maxim Integrated Products MAX312L_08 Datasheet HTML 6Page - Maxim Integrated Products MAX312L_08 Datasheet HTML 7Page - Maxim Integrated Products MAX312L_08 Datasheet HTML 8Page - Maxim Integrated Products MAX312L_08 Datasheet HTML 9Page - Maxim Integrated Products MAX312L_08 Datasheet HTML 10Page - Maxim Integrated Products MAX312L_08 Datasheet HTML 11Page - Maxim Integrated Products MAX312L_08 Datasheet HTML 12Page - Maxim Integrated Products MAX312L_08 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
50%
tr < 20ns
tf < 20ns
0
VO
VIN_
0
LOGIC
INPUT
SWITCH
OUTPUT
tON
tOFF
0.9VO
VCOM_
SWITCH
INPUT
LOGIC
INPUT
COM_
NO_
IN_
GND
0
V-
V+
V+
V-
OR NC_
SWITCH
OUTPUT
VO
RL
300
Ω
CL
35pF
LOGIC INPUT WAVEFORMS INVERTED FOR NORMALLY
CLOSED SWITCHES.
REPEAT TEST FOR EACH SWITCH. FOR LOAD
CONDITIONS, SEE ELECTRICAL CHARACTERISTICS.
CL INCLUDES FIXTURES AND STRAY CAPACITANCE.
VO = VCOM x RL
RL + RON
MAX312L
MAX313L
MAX314L
Figure 1. Switching-Time Test Circuit
0
0
VO2
VO1
VIN_
0
LOGIC
INPUT
SWITCH
OUTPUT 1
(V01)
SWITCH
OUTPUT 2
(V02)
LOGIC
INPUT
COM_
NC_
IN_
GND
0
V-
V+
V+
V-
V02
RL2
CL2
COM_
NO_
V01
RL1
CL1
50%
0.9V01
0.9V02
tD
tD
VCOM1 = +10V
VCOM2 = +10V
CL INCLUDES FIXTURES AND STRAY CAPACITANCE.
MAX314L
Figure 2. Break-Before-Make Test Circuit (MAX314L Only)
Test Circuits/Timing Diagrams
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
_______________________________________________________________________________________
9


Similar Part No. - MAX312L_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312L-MAX314L MAXIM-MAX312L-MAX314L Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
MAX312LCPE MAXIM-MAX312LCPE Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
MAX312LCSE MAXIM-MAX312LCSE Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
MAX312LCUE MAXIM-MAX312LCUE Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
MAX312LEPE MAXIM-MAX312LEPE Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
More results

Similar Description - MAX312L_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312L MAXIM-MAX312L Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
DG417L MAXIM-DG417L Datasheet
325Kb / 13P
   35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
MAX4655 MAXIM-MAX4655_07 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
   QUAD SPST JFET ANALOG SWITCHES
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com