Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX312LCSE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX312LCSE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312LCSE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX312LCSE Datasheet HTML 1Page - Maxim Integrated Products MAX312LCSE Datasheet HTML 2Page - Maxim Integrated Products MAX312LCSE Datasheet HTML 3Page - Maxim Integrated Products MAX312LCSE Datasheet HTML 4Page - Maxim Integrated Products MAX312LCSE Datasheet HTML 5Page - Maxim Integrated Products MAX312LCSE Datasheet HTML 6Page - Maxim Integrated Products MAX312LCSE Datasheet HTML 7Page - Maxim Integrated Products MAX312LCSE Datasheet HTML 8Page - Maxim Integrated Products MAX312LCSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
Maxim’s MAX312L/MAX313L/MAX314L analog switch-
es feature low on-resistance (10Ω max) and 1.5Ω on-
resistance matching between channels. These switches
are +3V logic compatible when powered from ±15V or
+12V supplies. The switches conduct equally well in
either direction, and offer low leakage over temperature
(2.5nA at +85°C).
The MAX312L/MAX313L/MAX314L are quad, single-
pole/single-throw (SPST) analog switches. The MAX312L
is normally closed (NC), and the MAX313L is normally
open (NO). The MAX314L has two NC switches and two
NO switches. All three devices operate from a single
+4.5V to +36V supply or from dual ±4.5V to ±20V, and
are available in 16-pin TSSOP, SO, and DIP packages.
Applications
Test Equipment
Communication Systems
PBX, PABX Systems
Audio Signal Routing
Avionics
Sample-and-Hold Circuits
Data-Acquisition Systems
xDSL Modems
Features
♦ +3V Logic-Compatible Digital Inputs
VIH = 2.0V
VIL = 0.8V
♦ Pin Compatible with MAX312/MAX313/MAX314
and DG411/DG412/DG413
♦ Low On-Resistance (10Ω max)
♦ Guaranteed RON Match Between Channels
(1.5Ω max)
♦ Guaranteed RON Flatness over Specified Signal
Range (2Ω max)
♦ Crosstalk > 96dB at 20kHz
♦ Single-Supply Operation: +4.5V to +36V
Dual-Supply Operation: ±4.5V to ±20V
♦ Rail-to-Rail Signal Handling
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2184; Rev 1; 9/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
*
EP = Exposed pad.
Ordering Information continued at end of data sheet.
Pin Configurations
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN3
COM3
NC3
N.C.
V+
NC2
COM2
IN2
TOP VIEW
MAX312L
IN4
COM4
NC4
GND
V-
NC1
COM1
IN1
MAX312L
LOGIC
0
1
SWITCH
ON
OFF
DIP/SO/TSSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN3
COM3
NO3
N.C.
V+
NO2
COM2
IN2
MAX313L
IN4
COM4
NO4
GND
V-
NO1
COM1
IN1
SWITCHES SHOWN FOR
LOGIC "0" INPUT
MAX313L
LOGIC
0
1
SWITCH
OFF
ON
DIP/SO/TSSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN3
COM3
NC3
N.C.
V+
NC2
COM2
IN2
MAX314L
IN4
COM4
NO4
GND
V-
NO1
COM1
IN1
MAX314L
SWITCHES
1, 4
LOGIC
SWITCHES
2, 3
0
1
ON
OFF
OFF
ON
DIP/SO/TSSOP
PART
TEMP RANGE
PIN-PACKAGE
MAX312LCUE
0°C to +70°C
16 TSSOP
MAX312LCSE
0°C to +70°C
16 Narrow SO
MAX312LCPE
0°C to +70°C
16 Plastic DIP
MAX312LEUE
-40°C to +85°C
16 TSSOP
MAX312LESE
-40°C to +85°C
16 Narrow SO
MAX312LEPE
-40°C to +85°C
16 Plastic DIP
MAX312LETP
-40°C to +85°C
20 Thin QFN-EP*
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX312LCSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312LCSE MAXIM-MAX312LCSE Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
More results

Similar Description - MAX312LCSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312L MAXIM-MAX312L Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
DG417L MAXIM-DG417L Datasheet
325Kb / 13P
   35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
MAX4655 MAXIM-MAX4655_07 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
   QUAD SPST JFET ANALOG SWITCHES
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com