Electronic Components Datasheet Search |
|
V150B12E150BG Datasheet(PDF) 4 Page - Vicor Corporation |
|
V150B12E150BG Datasheet(HTML) 4 Page - Vicor Corporation |
4 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 150V Mini Family Rev. 1.9 Page 4 of 13 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes Efficiency 79.5 81 % Nominal input; full load; 25°C Ripple and noise 170 213 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 4.14 4.3 4.46 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5 6 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 45.45 Amps Current limit 46.4 52.3 61.5 Amps Output voltage 95% of nominal Short circuit current 31.8 52.3 61.5 Amps Output voltage <250 mV MODULE SPECIFIC OPERATING SPECIFICATIONS 3.3 Vout, 150 W (e.g. V150B3V3C150BL) Parameter Min Typ Max Unit Notes Efficiency 80.2 81.5 % Nominal input; full load; 25°C Ripple and noise 240 300 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 4.14 4.3 4.46 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5.5 5.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 30.3 Amps Current limit 30.9 34.8 41 Amps Output voltage 95% of nominal Short circuit current 21.2 34.8 41 Amps Output voltage <250 mV 3.3 Vout, 100 W (e.g. V150B3V3C100BL) Parameter Min Typ Max Unit Notes Efficiency 83.8 84.9 % Nominal input; full load; 25°C Ripple and noise 175 219 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5.5 8.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 40 Amps Current limit 40.8 46 54 Amps Output voltage 95% of nominal Short circuit current 28 46 54 Amps Output voltage <250 mV 5 Vout, 200 W (e.g. V150B5C200BL) Parameter Min Typ Max Unit Notes Efficiency 84.4 85.8 % Nominal input; full load; 25°C Ripple and noise 100 125 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 3.9 4.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 30 Amps Current limit 30.6 34.5 40.5 Amps Output voltage 95% of nominal Short circuit current 21 34.5 40.5 Amps Output voltage <250 mV 5 Vout, 150 W (e.g. V150B5C150BL) Parameter Min Typ Max Unit Notes Efficiency 86.4 87.4 % Nominal input; full load; 25°C Ripple and noise 240 300 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 9.36 9.7 10.1 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 5.3 6 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 25 Amps Current limit 25.5 28.8 33.8 Amps Output voltage 95% of nominal Short circuit current 17.5 28.8 33.8 Amps Output voltage <250 mV 8 Vout, 200 W (e.g. V150B8C200BL) |
Similar Part No. - V150B12E150BG |
|
Similar Description - V150B12E150BG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |