Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX313LCPE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX313LCPE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX313LCPE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX313LCPE Datasheet HTML 6Page - Maxim Integrated Products MAX313LCPE Datasheet HTML 7Page - Maxim Integrated Products MAX313LCPE Datasheet HTML 8Page - Maxim Integrated Products MAX313LCPE Datasheet HTML 9Page - Maxim Integrated Products MAX313LCPE Datasheet HTML 10Page - Maxim Integrated Products MAX313LCPE Datasheet HTML 11Page - Maxim Integrated Products MAX313LCPE Datasheet HTML 12Page - Maxim Integrated Products MAX313LCPE Datasheet HTML 13Page - Maxim Integrated Products MAX313LCPE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
______________________________________________________________________________________
11
CAPACITANCE
METER
C
V+
V+
f = 1MHz
COM_
NC_ OR
NO_
GND
V-
V-
C
IN_
IN_
MAX312L
MAX313L
MAX314L
Figure 6. Channel Off-Capacitance Test Circuit
CAPACITANCE
METER
C
V+
V+
f = 1MHz
COM_
NC_ OR
NO_
GND
V-
V-
C
IN_
IN_
MAX312L
MAX313L
MAX314L
Figure 7. Channel On-Capacitance Test Circuit
Test Circuits/Timing Diagrams (continued)
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX313LCUE
0°C to +70°C
16 TSSOP
MAX313LCSE
0°C to +70°C
16 Narrow SO
MAX313LCPE
0°C to +70°C
16 Plastic DIP
MAX313LEUE
-40°C to +85°C
16 TSSOP
MAX313LESE
-40°C to +85°C
16 Narrow SO
MAX313LEPE
-40°C to +85°C
16 Plastic DIP
MAX313LETP
-40°C to +85°C
20 Thin QFN-EP*
MAX314LCUE
0°C to +70°C
16 TSSOP
MAX314LCSE
0°C to +70°C
16 Narrow SO
MAX314LCPE
0°C to +70°C
16 Plastic DIP
MAX314LEUE
-40°C to +85°C
16 TSSOP
MAX314LESE
-40°C to +85°C
16 Narrow SO
MAX314LEPE
-40°C to +85°C
16 Plastic DIP
MAX314LETP
-40°C to +85°C
20 Thin QFN-EP*
*
EP = Exposed pad.


Similar Part No. - MAX313LCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX313LCPE MAXIM-MAX313LCPE Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
More results

Similar Description - MAX313LCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312L MAXIM-MAX312L Datasheet
343Kb / 13P
   10 ?? Quad, SPST, 3V Logic-Compatible Analog Switches
Rev 0; 10/01
DG417L MAXIM-DG417L Datasheet
325Kb / 13P
   35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
MAX4655 MAXIM-MAX4655_07 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
   QUAD SPST JFET ANALOG SWITCHES
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com