Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1238EEE+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1238EEE+
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1238EEE+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1238EEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX1238EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX1238EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX1238EEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX1238EEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX1238EEE+ Datasheet HTML 11Page - Maxim Integrated Products MAX1238EEE+ Datasheet HTML 12Page - Maxim Integrated Products MAX1238EEE+ Datasheet HTML 13Page - Maxim Integrated Products MAX1238EEE+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
signal. At the end of the acquisition interval, the T/H
switches move to the hold position retaining the charge
on CT/H as a stable sample of the input signal.
During the conversion interval, the switched capacitive
DAC adjusts to restore the comparator input voltage to
0V within the limits of a 12-bit resolution. This action
requires 12 conversion clock cycles and is equivalent
to transferring a charge of 11pF (VIN+ - VIN-) from
CT/H to the binary weighted capacitive DAC, forming a
digital representation of the analog input signal.
Sufficiently low source impedance is required to ensure
an accurate sample. A source impedance of up to 1.5k
Ω
does not significantly degrade sampling accuracy. To
minimize sampling errors with higher source impedances,
connect a 100pF capacitor from the analog input to GND.
This input capacitor forms an RC filter with the source
impedance limiting the analog-input bandwidth. For larg-
er source impedances, use a buffer amplifier to maintain
analog-input signal integrity and bandwidth.
When operating in internal clock mode, the T/H circuitry
enters its tracking mode on the eighth rising clock edge
of the address byte, see the Slave Address section. The
T/H circuitry enters hold mode on the falling clock edge of
the acknowledge bit of the address byte (the ninth clock
pulse). A conversion, or series of conversions, are then
internally clocked and the MAX1236–MAX1239 holds
SCL low. With external clock mode, the T/H circuitry
enters track mode after a valid address on the rising
edge of the clock during the read (R/W = 1) bit. Hold
mode is then entered on the rising edge of the second
clock pulse during the shifting out of the first byte of the
result. The conversion is performed during the next 12
clock cycles.
The time required for the T/H circuitry to acquire an
input signal is a function of the input sample capaci-
tance. If the analog-input source impedance is high,
the acquisition time constant lengthens and more time
must be allowed between conversions. The acquisition
time (tACQ) is the minimum time needed for the signal
to be acquired. It is calculated by:
tACQ
≥ 9 (RSOURCE + RIN) CIN
where RSOURCE is the analog-input source impedance,
RIN = 2.5k
Ω, and CIN = 22pF. tACQ is 1.5/fSCL for internal
clock mode and tACQ = 2 / fSCL for external clock mode.
Analog Input Bandwidth
The MAX1236–MAX1239 feature input-tracking circuitry
with a 5MHz small-signal bandwidth. The 5MHz input
bandwidth makes it possible to digitize high-speed tran-
sient events and measure periodic signals with band-
widths exceeding the ADC’s sampling rate by using
under sampling techniques. To avoid high-frequency
signals being aliased into the frequency band of interest,
anti-alias filtering is recommended.
Analog Input Range and Protection
Internal protection diodes clamp the analog input to
VDD and GND. These diodes allow the analog inputs to
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
10
______________________________________________________________________________________
CT/H
CT/H
TRACK
AIN0
AIN1
AIN2
AIN3/REF
GND
ANALOG INPUT MUX
CAPACITIVE
DAC
REF
CAPACITIVE
DAC
REF
MAX1236
MAX1237
HOLD
TRACK
HOLD
VDD/2
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX1238EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1238EEE++ MAXIM-MAX1238EEE+ Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
More results

Similar Description - MAX1238EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1136 MAXIM-MAX1136 Datasheet
471Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
19-2334; Rev 1; 4/02
MAX11644 MAXIM-MAX11644 Datasheet
396Kb / 21P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 1-/2-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com