Electronic Components Datasheet Search |
|
V24A38E400BG3 Datasheet(PDF) 4 Page - Vicor Corporation |
|
V24A38E400BG3 Datasheet(HTML) 4 Page - Vicor Corporation |
4 / 13 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 24V Maxi Family Rev. 4.9 Page 4 of 13 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes Efficiency 75.5 78.5 % Nominal input; full load; 25°C Ripple and noise 75 94 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 4.14 4.3 4.46 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 8 12 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 80 Amps Current limit 81.6 92 108 Amps Output voltage 95% of nominal Short circuit current 56 92 108 Amps Output voltage <250 mV 3.3 Vout, 264 W (e.g. V24A3V3C264BL) Parameter Min Typ Max Unit Notes Efficiency 73.9 79.9 % Nominal input; full load; 25°C Ripple and noise 43 54 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 4.48 4.65 4.82 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.2 10 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 60.6 Amps Current limit 61.8 69.7 81.9 Amps Output voltage 95% of nominal Short circuit current 42.4 69.7 81.9 Amps Output voltage <250 mV 3.3 Vout, 200 W (e.g. V24A3V3C200BL) Parameter Min Typ Max Unit Notes Efficiency 80 82 % Nominal input; full load; 25°C Ripple and noise 152 190 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 6.8 10.1 Watts No load Load regulation ±0.02 ±0.25 % No load to full load; nominal input Load current 0 80 Amps Current limit 81.6 92 104 Amps Output voltage 95% of nominal Short circuit current 56 92 104 Amps Output voltage <250 mV 5 Vout, 400 W (e.g. V24A5C400BL) Parameter Min Typ Max Unit Notes Efficiency 82.5 84.4 % Nominal input; full load; 25°C Ripple and noise 120 150 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 7.2 8.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 60 Amps Current limit 61.2 69 81 Amps Output voltage 95% of nominal Short circuit current 42 69 81 Amps Output voltage <250 mV 5 Vout, 300 W (e.g. V24A5C300BL) Parameter Min Typ Max Unit Notes Efficiency 85 86.1 % Nominal input; full load; 25°C Ripple and noise 100 125 mV p-p; Nominal input; full load; 20 MHz bandwith Output OVP setpoint 7.7 7.98 8.26 Volts 25°C; recycle input voltage to restart (>100 ms off) Dissipation, standby 9.2 10.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 61.5 Amps Current limit 62.7 70.7 83.1 Amps Output voltage 95% of nominal Short circuit current 43 70.7 83.1 Amps Output voltage <250 mV 6.5 Vout, 400 W (e.g. V24A6V5C400BL) MODULE SPECIFIC OPERATING SPECIFICATIONS |
Similar Part No. - V24A38E400BG3 |
|
Similar Description - V24A38E400BG3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |