Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK73242MILH Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK73242MILH
Description  LOW DROPOUT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK73242MILH Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK73242MILH Datasheet HTML 3Page - TOKO, Inc TK73242MILH Datasheet HTML 4Page - TOKO, Inc TK73242MILH Datasheet HTML 5Page - TOKO, Inc TK73242MILH Datasheet HTML 6Page - TOKO, Inc TK73242MILH Datasheet HTML 7Page - TOKO, Inc TK73242MILH Datasheet HTML 8Page - TOKO, Inc TK73242MILH Datasheet HTML 9Page - TOKO, Inc TK73242MILH Datasheet HTML 10Page - TOKO, Inc TK73242MILH Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
January 1999 TOKO, Inc.
Page 7
TK732xx
100
CURRENT LIMIT DETECTOR VOLTAGE
VS.
INPUT VOLTAGE
VIN (V)
50
0
5
10
15
CONTINUOUS CURRENT
LIMIT MODE
PULSE CURRENT
LIMIT MODE
100
BASE CURRENT DRIVE VS.
INPUT VOLTAGE
VIN (V)
50
0
5
10
15
1E-6
REVERSE BIAS CURRENT
(VIN = 0 TO 6 V)
VREV (V)
1E-12
0
5
10
1E-9
VIN = 0 V
VIN = 6 V
VIN = 4 V
VIN = 2 V
1E-6
QUIESCENT CURRENT VS.
INPUT VOLTAGE (OFF MODE)
VIN (V)
1E-12
0
10
20
1E-9
RIPPLE REJECTION
0.01
0.1
1
10
100
f (kHz)
-80
-20
-60
-40
0
-100
CN = 0.01 µF
CN = 0.1 µF
CN = NONE
50
CONTROL CURRENT VS.
TEMPERATURE
TA (°C)
-50
0
50
100
20
40
30
10
0
VCONT = 5 V
VCONT = 2 V
50
OUTPUT VOLTAGE VARIATION VS.
TEMPERATURE
TA (°C)
-50
0
50
100
-10
30
10
-30
-50
VOUT TYPICAL
732xx
CL
4.7 µF
VOUT
VIN
RCONT
VCONT
CN
RIPPLE REJECTION CIRCUIT
2.0
CONTROL VOLTAGE (OUTPUT ON
POINT) VS. TEMPERATURE
TA (°C)
-50
0
50
100
1.0
RCONT = 0 Ω
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, external transistor is 2SB1115(NEC), unless otherwise specified.


Similar Part No. - TK73242MILH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK73242MILH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com