Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK73244MILH Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK73244MILH
Description  LOW DROPOUT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK73244MILH Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK73244MILH Datasheet HTML 2Page - TOKO, Inc TK73244MILH Datasheet HTML 3Page - TOKO, Inc TK73244MILH Datasheet HTML 4Page - TOKO, Inc TK73244MILH Datasheet HTML 5Page - TOKO, Inc TK73244MILH Datasheet HTML 6Page - TOKO, Inc TK73244MILH Datasheet HTML 7Page - TOKO, Inc TK73244MILH Datasheet HTML 8Page - TOKO, Inc TK73244MILH Datasheet HTML 9Page - TOKO, Inc TK73244MILH Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Page 6
January 1999 TOKO, Inc.
TK732xx
CP
CN
VIN
RIPK
CONT
CL
COLLECTOR
BASE
EMITTER
RP
CIN
VOUT
TK732xx
EXTERNAL
TRANSISTOR
TYPICAL PERFORMANCE CHARACTERISTICS
T
A = 25 °C, external transistor is 2SB1115(NEC), unless otherwise specified.
TEST CIRCUIT
LINE REGULATION 1
VIN (V)
0
10
20
LINE REGULATION 2
VIN (V)
0
10
20
LOAD REGULATION
IOUT (mA)
0
500
1000
VOUT TYPICAL
3
5
QUIESCENT CURRENT VS.
OUTPUT VOLTAGE
VIN (V)
1
0
10
20
4
2
0
VOUT = 3.0 V
VOUT = 5.0 V
-200
0
DROPOUT VOLTAGE VS.
OUTPUT VOLTAGE
IOUT (mA)
-400
0
500
1000
-100
-300
2SB799
2SB1115
2SB1114
2SB1302
3
5
GROUND CURRENT VS.
OUTPUT VOLTAGE
IOUT (mA)
1
0
500
1000
4
2
0
Note:Transistor: 2SB1115
C
N = 0.1 µF
C
P = 0.1 µF
C
L = 4.7 µF
R
P = 330 k
Continuous Current Limit Mode:
I
SET (mA) = 100 mV / RIPK (Ω)
Pulse Current Limit Mode:
I
SET (mA) = 90 mV / RIPK (Ω)


Similar Part No. - TK73244MILH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK73244MILH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com