Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1277 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1277
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1277 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1277 Datasheet HTML 2Page - Maxim Integrated Products MAX1277 Datasheet HTML 3Page - Maxim Integrated Products MAX1277 Datasheet HTML 4Page - Maxim Integrated Products MAX1277 Datasheet HTML 5Page - Maxim Integrated Products MAX1277 Datasheet HTML 6Page - Maxim Integrated Products MAX1277 Datasheet HTML 7Page - Maxim Integrated Products MAX1277 Datasheet HTML 8Page - Maxim Integrated Products MAX1277 Datasheet HTML 9Page - Maxim Integrated Products MAX1277 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Operating Characteristics (continued)
(VDD = +3V, VL = VDD, fSCLK = 24MHz, fSAMPLE = 1.5Msps, TA = -40°C to +85°C, unless otherwise noted. Typical values are mea-
sured at TA = +25°C.)
1.5Msps, Single-Supply, Low-Power, True-
Differential, 12-Bit ADCs with Internal Reference
6
_______________________________________________________________________________________
70.0
69.5
69.0
68.5
68.0
100
300
200
400
500
DYNAMIC PERFORMANCE
vs. INPUT FREQUENCY (MAX1277)
ANALOG INPUT FREQUENCY (kHz)
SINAD
SNR
70.0
69.5
69.0
68.5
68.0
100
300
200
400
500
DYNAMIC PERFORMANCE
vs. INPUT FREQUENCY (MAX1279)
ANALOG INPUT FREQUENCY (kHz)
SINAD
SNR
-80
-84
-88
-92
-96
100
300
200
400
500
THD vs. INPUT FREQUENCY
ANALOG INPUT FREQUENCY (kHz)
MAX1277
MAX1279
82
84
88
86
90
92
SFDR vs. INPUT FREQUENCY
ANALOG INPUT FREQUENCY (kHz)
100
300
200
400
500
MAX1277
MAX1279
-140
-100
-120
-60
-80
-20
-40
0
0
250
375
125
500
625
750
FFT PLOT (MAX1277)
ANALOG INPUT FREQUENCY (kHz)
fIN = 500kHz
SINAD = 68.7dB
SNR = 68.9dB
THD = -83.1dB
SFDR = 85.0dB
-140
-100
-120
-60
-80
-20
-40
0
0
250
375
125
500
625
750
FFT PLOT (MAX1279)
ANALOG INPUT FREQUENCY (kHz)
fIN = 500kHz
SINAD = 69.0dB
SNR = 69.1dB
THD = -88.9dB
SFDR = 85.9dB


Similar Part No. - MAX1277

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1277-MAX1279 MAXIM-MAX1277-MAX1279 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1277ACTC-T MAXIM-MAX1277ACTC-T Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1277AETC-T MAXIM-MAX1277AETC-T Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1277BCTC-T MAXIM-MAX1277BCTC-T Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results

Similar Description - MAX1277

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1077 MAXIM-MAX1077 Datasheet
394Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 1; 3/11
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com