Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1279BETC-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1279BETC-T
Description  1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1279BETC-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1279BETC-T Datasheet HTML 5Page - Maxim Integrated Products MAX1279BETC-T Datasheet HTML 6Page - Maxim Integrated Products MAX1279BETC-T Datasheet HTML 7Page - Maxim Integrated Products MAX1279BETC-T Datasheet HTML 8Page - Maxim Integrated Products MAX1279BETC-T Datasheet HTML 9Page - Maxim Integrated Products MAX1279BETC-T Datasheet HTML 10Page - Maxim Integrated Products MAX1279BETC-T Datasheet HTML 11Page - Maxim Integrated Products MAX1279BETC-T Datasheet HTML 12Page - Maxim Integrated Products MAX1279BETC-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
1.5Msps, Single-Supply, Low-Power, True-
Differential, 12-Bit ADCs with Internal Reference
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
AIN-
Negative Analog Input
2
REF
Reference Voltage Output. Internal 2.048V reference output. Bypass REF with a 0.01µF capacitor and
a 4.7µF capacitor to RGND.
3
RGND
Reference Ground. Connect RGND to GND.
4VDD
Positive Analog Supply Voltage (+2.7V to +3.6V). Bypass VDD with a 0.01µF capacitor and a 10µF
capacitor to GND.
5, 11
N.C.
No Connection
6
GND
Ground. GND is internally connected to EP.
7VL
Positive Logic Supply Voltage (1.8V to VDD). Bypass VL with a 0.01µF capacitor and a 10µF capacitor
to GND.
8
DOUT
Serial Data Output. Data is clocked out on the rising edge of SCLK.
9
CNVST
Convert Start. Forcing CNVST high prepares the part for a conversion. Conversion begins on the
falling edge of CNVST. The sampling instant is defined by the falling edge of CNVST.
10
SCLK
Serial Clock Input. Clocks data out of the serial interface. SCLK also sets the conversion speed.
12
AIN+
Positive Analog Input
EP
Exposed Paddle. EP is internally connected to GND.
Detailed Description
The MAX1277/MAX1279 use an input T/H and succes-
sive-approximation register (SAR) circuitry to convert
an analog input signal to a digital 12-bit output. The
serial interface requires only three digital lines (SCLK,
CNVST, and DOUT) and provides easy interfacing to
microprocessors (µPs) and DSPs. Figure 3 shows the
simplified internal structure for the MAX1277/MAX1279.
RGND
AIN +
GND
DOUT
SCLK
CNVST
CONTROL
LOGIC AND
TIMING
AIN -
VL
VDD
REF
12-BIT
SAR
ADC
MAX1277
MAX1279
TRACK AND
HOLD
OUTPUT
BUFFER
REF
2.048V
Figure 3. Functional Diagram
CIN+
RIN+
RIN-
CIN-
VAZ
AIN+
AIN-
CONTROL
LOGIC
CAPACITIVE
DAC
COMP
ACQUISITION MODE
CIN+
RIN+
RIN-
CIN-
VAZ
AIN+
AIN-
CONTROL
LOGIC
CAPACITIVE
DAC
COMP
HOLD/CONVERSION MODE
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX1279BETC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1279BETC-T MAXIM-MAX1279BETC-T Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results

Similar Description - MAX1279BETC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1077 MAXIM-MAX1077 Datasheet
394Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 1; 3/11
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com