Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1305 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1305
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1305 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1305 Datasheet HTML 7Page - Maxim Integrated Products MAX1305 Datasheet HTML 8Page - Maxim Integrated Products MAX1305 Datasheet HTML 9Page - Maxim Integrated Products MAX1305 Datasheet HTML 10Page - Maxim Integrated Products MAX1305 Datasheet HTML 11Page - Maxim Integrated Products MAX1305 Datasheet HTML 12Page - Maxim Integrated Products MAX1305 Datasheet HTML 13Page - Maxim Integrated Products MAX1305 Datasheet HTML 14Page - Maxim Integrated Products MAX1305 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices), MSV = AGND (bipolar
devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), fIN = 500kHz, AIN = -0.4dBFS. TA = +25°C,
unless otherwise noted.) (Figures 3 and 4)
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
______________________________________________________________________________________
11
DIGITAL SUPPLY CURRENT
vs. DIGITAL SUPPLY VOLTAGE
DVDD (V)
5.0
4.5
4.0
3.5
3.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.6
2.5
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
CLOAD = 50pF
AVDD (V)
5.2
5.1
5.0
4.9
4.8
520
540
560
580
600
620
640
660
680
700
500
4.7
5.3
ANALOG SHUTDOWN CURRENT
vs. ANALOG SUPPLY VOLTAGE
DIGITAL SHUTDOWN CURRENT
vs. DIGITAL SUPPLY VOLTAGE
DVDD (V)
5.0
4.5
4.0
3.5
3.0
12
14
16
18
20
22
10
2.5
5.5
ANALOG SUPPLY CURRENT
vs. NUMBER OF CHANNELS SELECTED
NUMBER OF CHANNELS SELECTED
8
7
6
5
4
3
2
1
40
35
45
50
55
60
30
0
CHSHDN = 0
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.2
5.1
5.0
4.9
4.8
52
53
54
55
56
57
51
4.7
5.3
TA = +85
°C
TA = +25
°C
TA = -40
°C
DIGITAL SUPPLY CURRENT
vs. NUMBER OF CHANNELS SELECTED
NUMBER OF CHANNELS SELECTED
8
7
6
5
4
3
2
1
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.9
1.0
0.1
0
CHSHDN = 0


Similar Part No. - MAX1305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1305 MAXIM-MAX1305 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
MAX13050ASA/AUT MAXIM-MAX13050ASA/AUT Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
More results

Similar Description - MAX1305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1316 MAXIM-MAX1316_08 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
logo
Texas Instruments
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com