Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1310 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1310
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1310 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1310 Datasheet HTML 1Page - Maxim Integrated Products MAX1310 Datasheet HTML 2Page - Maxim Integrated Products MAX1310 Datasheet HTML 3Page - Maxim Integrated Products MAX1310 Datasheet HTML 4Page - Maxim Integrated Products MAX1310 Datasheet HTML 5Page - Maxim Integrated Products MAX1310 Datasheet HTML 6Page - Maxim Integrated Products MAX1310 Datasheet HTML 7Page - Maxim Integrated Products MAX1310 Datasheet HTML 8Page - Maxim Integrated Products MAX1310 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices), MSV = AGND (bipo-
lar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C. See Figures 3 and 4.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX1304/MAX1305/MAX1306
7.58
MAX1308/MAX1309MAX1310
8.66
Input Resistance
(Note 3)
RCH
MAX1312/MAX1313/MAX1314
14.26
k
VCH = +5V
0.54
0.72
MAX1304/MAX1305/MAX1306
VCH = 0V
-0.157
-0.12
VCH = +5V
0.29
0.39
MAX1308/MAX1309/MAX1310
VCH = -5V
-1.16
-0.87
VCH = +10V
0.56
0.74
Input Current
(Note 3)
ICH
MAX1312/MAX1313/MAX1314
VCH = -10V
-1.13
-0.85
mA
Input Capacitance
CCH
15
pF
TRACK/HOLD
One channel selected for conversion
1075
Two channels selected for conversion
901
Four channels selected for conversion
680
External-Clock Throughput Rate
(Note 4)
fTH
Eight channels selected for conversion
456
ksps
One channel selected for conversion
983
Two channels selected for conversion
821
Four channels selected for conversion
618
Internal-Clock Throughput Rate
(Note 4, Table 1)
fTH
Eight channels selected for conversion
413
ksps
Small-Signal Bandwidth
20
MHz
Full-Power Bandwidth
20
MHz
Aperture Delay
tAD
8ns
Aperture-Delay Matching
100
ps
Aperture Jitter
tAJ
50
psRMS
INTERNAL REFERENCE
REF Output Voltage
VREF
2.475
2.500
2.525
V
Reference Output-Voltage
Temperature Drift
30
ppm/°C
REFMS Output Voltage
VREFMS
2.475
2.500
2.525
V
REF+ Output Voltage
VREF+
3.850
V
COM Output Voltage
VCOM
2.600
V
REF- Output Voltage
VREF-
1.350
V
Differential Reference Voltage
VREF+ -
VREF-
2.500
V


Similar Part No. - MAX1310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1310 MAXIM-MAX1310 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
MAX13101EETL++ MAXIM-MAX13101EETL+ Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
MAX13101EEWX++ MAXIM-MAX13101EEWX+ Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
MAX13102E MAXIM-MAX13102E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
More results

Similar Description - MAX1310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1316 MAXIM-MAX1316_08 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
logo
Texas Instruments
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com