Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1982 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1982
Description  Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1982 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1982_08 Datasheet HTML 1Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 2Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 3Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 4Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 5Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 6Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 7Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 8Page - Maxim Integrated Products MAX1982_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Low-Voltage, Low-Dropout Linear Regulators
with External Bias Supply
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 3, VIN = 1.8V, ILOAD = 1mA, CLOAD = 10µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 3, VIN = 1.8V, ILOAD = 1mA, CLOAD = 10µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC AND I/O
SHDN Input High Voltage
VIH
2.4
V
SHDN Input Low Voltage
VIL
0.8
V
SHDN Input Current
-1
+1
µA
PGOOD Output Low Voltage
PGOOD sinking 1mA
0.1
V
PGOOD Output
High Leakage Current
0 < VPGOOD < VIN
-1
+1
µA
DYNAMICS
Positive Load Step
tRISE
ILOAD = 1mA to full load, CLOAD = 10µF
10
µs
Negative Load Step
tFALL
ILOAD = full load to 1mA, CLOAD = 10µF
50
µs
Ripple Rejection at VIN
10Hz < f < 10kHz, ILOAD = 300mA,
CLOAD = 10µF
-60
dB
Startup Response Time
tON
ILOAD = 300mA, CLOAD = 10µF, 0% to 90%
of nominal output voltage
100
µs
Startup Overshoot
ILOAD = 300mA, CLOAD = 10µF
0.5
%
Falling edge, 3mV under trip threshold
10
µs
PGOOD Propagation Delay
tPD
Rising edge within 5% of regulation level
1
4
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input Voltage
VIN
1.25
5.5
V
BIAS Voltage
VBIAS
4.5
5.5
V
VOUT Voltage Range
VOUT
MAX1983
0.8
2.0
V
BIAS Input Undervoltage Lockout
3.8
4.2
V
Shutdown Supply Current
IIN
1.25V < VIN < 5.5V
5
µA
Quiescent BIAS Current
IQ
4.5V < VBIAS < 5.5V
250
µA
Shutdown BIAS Current
ISHDN
4.5V < VBIAS < 5.5V
5
µA
MAX1982: VIN = open, VOUT = 1.20V
30
VOUT Input Bias Current
MAX1983: VIN = open, 0.8V < VOUT < 2.0V
2
µA
REGULATOR CHARACTERISTICS
Line Regulation
ΔVOUT/
ΔVIN
ILOAD = 10mA, 1.5V < VIN < 5.5V
-0.15
+0.15
%/V
MAX1982 1.20V
Output Voltage Accuracy
VOUT
IOUT = 1mA to 300mA,
VOUT + 0.5V < VIN < 5.5V
-3
+3
%


Similar Part No. - MAX1982_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1982EUT+T MAXIM-MAX1982EUT+T Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982EUT-T MAXIM-MAX1982EUT-T Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1982EUT-T MAXIM-MAX1982EUT-T Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results

Similar Description - MAX1982_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863T MAXIM-MAX8863T_11 Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
   500 mA ultra-low dropout linear regulator with bias supply
Rev 2 - April 2018
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com