Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1983 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1983
Description  Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1983 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1983 Datasheet HTML 1Page - Maxim Integrated Products MAX1983 Datasheet HTML 2Page - Maxim Integrated Products MAX1983 Datasheet HTML 3Page - Maxim Integrated Products MAX1983 Datasheet HTML 4Page - Maxim Integrated Products MAX1983 Datasheet HTML 5Page - Maxim Integrated Products MAX1983 Datasheet HTML 6Page - Maxim Integrated Products MAX1983 Datasheet HTML 7Page - Maxim Integrated Products MAX1983 Datasheet HTML 8Page - Maxim Integrated Products MAX1983 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Voltage, Low-Dropout Linear Regulators
with External Bias Supply
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 3, VIN = 1.8V, ILOAD = 1mA, CLOAD = 10µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ADJ, IN, BIAS, PGOOD, SHDN, OUT to GND..........-0.3V to +6V
Output Short-Circuit Duration ............................................Infinite
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/oC above +70°C)............696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65oC to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
1.25
5.5
V
BIAS Voltage
VBIAS
4.5
5.5
V
VOUT Voltage Range
VOUT
MAX1983
0.8
2.0
V
BIAS Input Undervoltage Lockout
3.8
4.1
4.35
V
Shutdown Supply Current
IIN
1.25V < VIN < 5.5V
1
5
µA
Quiescent BIAS Current
IQ
4.5V < VBIAS < 5.5V
140
250
µA
Shutdown BIAS Current
ISHDN
4.5V < VBIAS < 5.5V
1
5
µA
MAX1982: VIN = open, VOUT = 1.20V
30
VOUT Input Bias Current
MAX1983: VIN = open, 0.8V < VOUT < 2.0V
2
µA
MAX1983 ADJ Input Current
0V < VADJ < 2.0V
1µA
REGULATOR CHARACTERISTICS
Line Regulation
ΔVOUT/
ΔVIN
ILOAD = 10mA, 1.5V < VIN < 5.5V
-0.15
+0.15
%/V
TA = +25°C, IOUT = 100mA
-1
+1
MAX1982 1.20V
Output Voltage Accuracy
VOUT
TA = 0°C to +85°C, IOUT = 1mA to 300mA,
VOUT + 0.5V < VIN < 5.5V
-3
+3
%
TA = +25°C, IOUT = 100mA
-1
+1
MAX1983 0.80V
Output Voltage Accuracy
VOUT
TA = 0°C to +85°C, IOUT = 1mA to 300mA,
VOUT + 0.5V < VIN < 5.5V
-3
+3
%
ILOAD = 300mA
350
Dropout Voltage
VDO
ILOAD = 150mA
175
mV
Current Limit
ILIM
VIN - VOUT = 1.3V
330
600
1400
mA
Thermal-Shutdown Temperature
TSHDN
160
°C
Thermal-Shutdown Hysteresis
20
°C
RMS Output Noise
10Hz to 100kHz
65
µVRMS
PGOOD COMPARATOR
Comparator Threshold
% of regulated output voltage
-12.5
-9
-6
%
Comparator Hysteresis
VHYST
10
mV


Similar Part No. - MAX1983

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT+T MAXIM-MAX1983EUT+T Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT-T MAXIM-MAX1983EUT-T Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
MAX1983EUT-T MAXIM-MAX1983EUT-T Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results

Similar Description - MAX1983

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863T MAXIM-MAX8863T_11 Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
   500 mA ultra-low dropout linear regulator with bias supply
Rev 2 - April 2018
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com