Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1971EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1971EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = VEN = 5V, R POR = 100kΩ to IN, RPFO = 100kΩ to IN, VRSI = 0, CREF = 0.1µF, FBSEL1 = unconnected, FBSEL2 =
unconnected, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
COMP1 AND COMP2
COMP1
Transconductance
FB1 = COMP1,
VCOMP1 = 1.2V
FBSEL1 = unconnected
35
55
85
µS
COMP2
Transconductance
FB2 = COMP2,
VCOMP2 = 1.2V
FBSEL2 = unconnected
35
55
85
µS
LX1 AND LX2
VIN = 5.0V
0.20
0.32
VIN = 3.3V
0.24
0.37
Internal High-Side
MOSFET On-Resistance
ILX = -180mA
VIN =2.6V
0.28
VIN = 5.0V
0.12
0.23
VIN = 3.3V
0.14
0.25
Internal Low-Side
MOSFET On-Resistance
ILX = 180mA
VIN = 2.6V
0.16
LX_ Current-Sense
Transresistance
0.4
0.5
0.6
V/A
High side
0.80
1.2
1.60
LX_ Current-Limit
Threshold
Duty Cycle = 100%,
VIN = 2.6V to 5.5V
Low side
-1.6
-0.85
-0.40
A
VLX1 = VLX2 = 5.5V
20
LX_ Leakage Current
VIN = 5.5V
VLX1 = VLX2 = 0
-20
µA
MAX1970/MAX1972
1.2
1.4
1.6
LX_ Switching Frequency
VIN = 2.6V to 5.5V
MAX1971
0.60
0.70
0.80
MHz
LX_ Maximum Duty Cycle
100
%
MAX1970/MAX1972
15
20
LX_ Minimum Duty Cycle
VIN = 2.6V to 5.5V
MAX1971
10
15
%
POR
VOUT rising
92
94
POR Thresholds
Percentage of VOUT,
VIN = 2.6V to 5.5V
VOUT falling
87
90
%
MAX1970
13.3
16.6
20
POR Delay Time (TD)
MAX1971/MAX1972
140
175
210
ms
POR Output Current, High
VPOR = VIN = 5.5V, VFB1 = VFB2 = 1.15V
-1
1
µA
POR Output Voltage, Low
VFB1 = 1.05V or VFB2 = 1.05V or RSI = IN (MAX1971 only),
I POR = 1mA
0.01
0.05
V
POR Startup Voltage
FB1 = FB2 = GND, IPOR = 100µA, VIN = 1.2V
0.01
0.05
V


Similar Part No. - MAX1971EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1971EEE MAXIM-MAX1971EEE Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
More results

Similar Description - MAX1971EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
logo
Intersil Corporation
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
logo
Renesas Technology Corp
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com