Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2035CCQ+TD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2035CCQ+TD
Description  Ultrasound Variable-Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2035CCQ+TD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2035CCQ+TD Datasheet HTML 1Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 2Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 3Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 4Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2035CCQ+TD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Ultrasound Variable-Gain Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics
(Figure 2, VCC = VREF = 4.75V to 5.25V, VGND = 0, PD = 0, VG_CLAMP_MODE = 1, fRF = 5MHz, capacitance to GND at each of the
VGA differential outputs is 60pF, differential capacitance across the VGA outputs is 10pF, RL = 1kΩ, TA = 0°C to +70°C. Typical val-
ues are at VCC = VREF = 5V, VCM = 3.0V, TA = +25°C, unless otherwise noted.)
OVERDRIVE PHASE DELAY
vs. FREQUENCY
VIN1 = 35mVP-P DIFFERENTIAL
VIN2 = 87.5mVP-P DIFFERENTIAL
GAIN = 20dB
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2.5
5.0
7.5 10.0 12.5 15.0
FREQUENCY (MHz)
17.5 20.0
POWER-SUPPLY MODULATION RATIO
VOUT = 1.5VP-P DIFFERENTIAL
VMOD = 50mVP-P, fCARRIER = 5MHz,
GAIN = 20dB
-30
-40
-50
-60
-70
-80
-90
0
25
50
75
100 125 150
FREQUENCY (kHz)
175 200
TWO-TONE ULTRASOUND-SPECIFIC
IMD3 vs. GAIN
-30
-40
-50
-60
-70
-80
-20
-10
0
-15
-5
5
15
25
35
45
GAIN (dB)
VOUT = 1VP-P DIFFERENTIAL
GAIN = 20dB
f = 2MHz, 5MHz
f = 10MHz
Note 2: Specifications at TA = +25°C and TA = +70°C are guaranteed by production test. Specifications at TA = 0°C are guaranteed
by design and characterization.
Note 3: Noise performance of the device is dependent on the noise contribution from the supply to VREF. Use a low-noise supply for
VREF. VCC and VREF can be connected together to share the same supply voltage if the supply for VCC exhibits low noise.
Note 4: See the
Ultrasound-Specific IMD3 Specification section.
AC ELECTRICAL CHARACTERISTICS (continued)
(Figure 2, VCC = VREF = 4.75V to 5.25V, VCM = (3/5)VREF, VGND = 0, PD = 0, no RF signals applied, capacitance to GND at each of
the VGA differential outputs is 60pF, differential capacitance across the VGA outputs is 10pF, RL = 1kΩ, TA = 0°C to +70°C. Typical
values are at VCC = VREF = 5V, TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Channel-to-Channel Crosstalk
VOUT = 1VP-P differential, fRF = 10MHz,
VG_CTL set for +20dB of gain
-80
dB
Maximum Output Voltage at
Clamp ON
VG_CLAMP_MODE = 0,
VG_CTL set for +20dB of gain,
350mVP-P differential input
2.2
VP-P
differential
Maximum Output Voltage at
Clamp OFF
VG_CLAMP_MODE = 1,
VG_CTL set for +20dB of gain,
350mVP-P differential input
3.4
VP-P
differential


Similar Part No. - MAX2035CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035CCQ+TD MAXIM-MAX2035CCQ+TD Datasheet
243Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
More results

Similar Description - MAX2035CCQ+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035 MAXIM-MAX2035 Datasheet
243Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
MAX2037 MAXIM-MAX2037_09 Datasheet
202Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037 MAXIM-MAX2037 Datasheet
241Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com