Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2042ETP+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2042ETP+
Description  SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2042ETP+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2042ETP+ Datasheet HTML 3Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 9Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 10Page - Maxim Integrated Products MAX2042ETP+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SiGe High-Linearity, 2000MHz to 3000MHz
Upconversion/Downconversion Mixer with LO Buffer
_______________________________________________________________________________________ 7
Typical Operating Characteristics
(Typical Application Circuit with tuning elements outlined in Table 1, VCC = +5.0V, fRF > fLO, fIF = 300MHz, PRF = 0dBm, PLO = 0dBm,
TC = +25NC, unless otherwise noted.)
+5.0V Downconverter Curves
CONVERSION LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
6
7
8
9
5
2000
3000
TC = +85NC
TC = +25NC
TC = -40NC
CONVERSION LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
6
7
8
9
5
2000
3000
PLO = -3dBm, 0dBm, +3dBm
CONVERSION LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
6
7
8
9
5
2000
3000
VCC = 4.75V, 5.0V, 5.25V
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
30
35
40
25
2000
3000
TC = -40NC
PRF = 0dBm/TONE
TC = +85NC
TC = +25NC
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
30
35
40
25
2000
3000
PLO = -3dBm, 0dBm, +3dBm
PRF = 0dBm/TONE
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
2800
2600
2400
2200
30
35
40
25
2000
3000
VCC = 5.25V
VCC = 4.75V
VCC = 5.0V
PRF = 0dBm/TONE
2RF-2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
55
60
65
70
75
50
2000
2800
2600
2400
2200
3000
TC = -40NC
TC = +25NC
TC = +85NC
PRF = 0dBm
2RF-2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
55
60
65
70
75
50
2000
2800
2600
2400
2200
3000
PLO = +3dBm
PLO = 0dBm
PLO = -3dBm
PRF = 0dBm
2RF-2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
55
60
65
70
75
50
2000
2800
2600
2400
2200
3000
VCC = 4.75V, 5.0V, 5.25V
PRF = 0dBm


Similar Part No. - MAX2042ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429 MAXIM-MAX20429 Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX20429AAFNA MAXIM-MAX20429AAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429CAFNA MAXIM-MAX20429CAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
More results

Similar Description - MAX2042ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com