Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2077CTN+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2077CTN+
Description  Octal-Channel Ultrasound Front-End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2077CTN+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2077CTN+ Datasheet HTML 4Page - Maxim Integrated Products MAX2077CTN+ Datasheet HTML 5Page - Maxim Integrated Products MAX2077CTN+ Datasheet HTML 6Page - Maxim Integrated Products MAX2077CTN+ Datasheet HTML 7Page - Maxim Integrated Products MAX2077CTN+ Datasheet HTML 8Page - Maxim Integrated Products MAX2077CTN+ Datasheet HTML 9Page - Maxim Integrated Products MAX2077CTN+ Datasheet HTML 10Page - Maxim Integrated Products MAX2077CTN+ Datasheet HTML 11Page - Maxim Integrated Products MAX2077CTN+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Octal-Channel Ultrasound Front-End
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(
Typical Application Circuits, VREF = 2.475V to 2.525V, VCC1 = 3.3V, VCC2 = 4.75V, TA = +25°C, VGND = 0V, NP = 0, PD = 0,
D3/D2/D1/D0 = 1/0/1/0 (RIN = 200Ω, LNA gain = 18.5dB), D5/D4 = 1/1(fC = 18MHz), fRF = 5MHz, RS = 200Ω, capacitance to GND
at each of the VGA differential outputs is 25pF, differential capacitance across VGA outputs is 15pF, RL = 1kΩ differential, reference
noise less than 10nV/
√Hz from 1kHz to 20MHz, DOUT loaded with 10MΩ and 60pF, unless otherwise noted.)
LARGE-SIGNAL BANDWIDTH vs. FREQUENCY
(GAIN = 20dB, VOUT = 1VP-P)
FREQUENCY (MHz)
10
-10
0
10
20
30
-20
1100
VOUT = 1VP-P
GAIN = 20dB
9MHz
10MHz
15MHz
18MHz
COMMON-MODE OUTPUT VOLTAGE
vs. GAIN
GAIN (dB)
35
26
17
1.6
1.7
1.8
1.9
1.5
844
DIFFERENTIAL OUTPUT IMPEDANCE
vs. FREQUENCY
MAX2077 toc18
FREQUENCY (MHz)
40
30
20
10
60
120
180
0
20
40
60
80
0
050
REAL
IMAGINARY
TWO-TONE ULTRASOUND-SPECIFIC IMD3
vs. FREQUENCY
FREQUENCY (MHz)
15
10
5
-60
-40
-20
0
-80
020
VOUT = 1VP-P
GAIN = 26dB
ADJACENT CHANNEL-TO-CHANNEL
CROSSTALK vs. GAIN
GAIN (dB)
35
26
17
-65
-60
-55
-50
-70
844
VOUT = 1VP-P
fRF = 10MHz
ADJACENT CHANNEL 1
ADJACENT CHANNEL 2
ADJACENT CHANNEL-TO-CHANNEL
CROSSTALK vs. FREQUENCY
FREQUENCY (MHz)
10
-30
-60
0
-90
100
1
VOUT = 1VP-P
GAIN = 20dB
ADJACENT CHANNEL 2
ADJACENT CHANNEL 1


Similar Part No. - MAX2077CTN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
More results

Similar Description - MAX2077CTN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
   Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
logo
Analog Devices
AD9674 AD-AD9674_17 Datasheet
963Kb / 48P
   Octal Ultrasound Analog Front End
logo
Maxim Integrated Produc...
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
   Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
logo
Texas Instruments
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
AFE5808A TI1-AFE5808A_15 Datasheet
1Mb / 83P
[Old version datasheet]   Ultrasound Analog Front-End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
LM96511 TI1-LM96511_15 Datasheet
13Mb / 74P
[Old version datasheet]   Ultrasound Receive Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com