Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2601 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2601
Description  3.6V, 1W RF Power Transistors for 900MHz Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2601 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2601 Datasheet HTML 1Page - Maxim Integrated Products MAX2601 Datasheet HTML 2Page - Maxim Integrated Products MAX2601 Datasheet HTML 3Page - Maxim Integrated Products MAX2601 Datasheet HTML 4Page - Maxim Integrated Products MAX2601 Datasheet HTML 5Page - Maxim Integrated Products MAX2601 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
dBc
3.6V, 1W RF Power Transistors
for 900MHz Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Collector-Emitter Voltage, Shorted Base (VCES) ....................17V
Emitter Base Reverse Voltage (VEBO)...................................2.3V
BIAS Diode Reverse Breakdown Voltage (MAX2602) ..........2.3V
Average Collector Current (IC)........................................1200mA
Continuous Power Dissipation (TA = +70°C)
SOIC (derate 80mW/°C above +70°C) (Note 1) .............6.4W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
IC < 100µA
V
5.0
LVCEO
Collector-Emitter Sustaining
Voltage
V
15
BVCES
15
BVCEO
Collector-Emitter Breakdown
Voltage
100
hFE
DC Current Gain
µA
0.05
1.5
ICES
Collector Cutoff Current
pF
9.6
COB
Output Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Backside slug must be properly soldered to ground plane (see
Slug Layout Techniques section).
IC = 200mA
Shorted base
Open base
IC = 250mA, VCE = 3V
VCE = 6V, VBE = 0V
VCB = 3V, IE = 0mA, f = 1MHz
CONDITIONS
dB
3.3
NF
Noise Figure
dBc
-25
IM5
Two-Tone IMR
-16
IM3
8:1
VSWR
Stability under Continuous
Load Mismatch Conditions
%
58
η
Collector Efficiency
dB
11.6
Power Gain
-42
2fo, 3fo
Harmonics
-43
mA
4.2
IB
Base Current
GHz
DC
1
f
Frequency Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VBB = 0.9V
POUT = +30dBm total power, f1 = 835MHz,
f2 = 836MHz
VCC = 3.6V, POUT = 30dBm
VCC = 5.5V, all angles (Note 3)
(Note 2)
No modulation
POUT = 30dBm
CONDITIONS
AC ELECTRICAL CHARACTERISTICS
(Test Circuit of Figure 1, VCC = 3.6V, VBB = 0.750V, ZLOAD = ZSOURCE = 50Ω, POUT = 30dBm, f = 836MHz, TA = +25°C, unless oth-
erwise noted.)
Note 2: Guaranteed by design.
Note 3: Under these conditions: a) no spurious oscillations shall be observed at collector greater than -60dBc; b) no parametric
degradation is observable when mismatch is removed; and c) no current draw in excess of the package dissipation
capability is observed.
V
15
BVCBO
Collector-Base Breakdown
Voltage
IC < 100µA, emitter open
VCC = 3.0V, POUT = 29dBm
dBc


Similar Part No. - MAX2601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601 MAXIM-MAX2601 Datasheet
40Kb / 4P
   11dB Gain at 836MHz Evaluation Kit
1997
MAX2601-MAX2602 MAXIM-MAX2601-MAX2602 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601ESA MAXIM-MAX2601ESA Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
More results

Similar Description - MAX2601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
   3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
   3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
   3.6V 0.5W RF Power Amplifier IC for DECT
logo
RF Micro Devices
RF6509 RFMD-RF6509 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
Qorvo, Inc
RF6509 QORVO-RF6509 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
Toshiba Semiconductor
TB31261AF TOSHIBA-TB31261AF Datasheet
2Mb / 26P
   RF 1CHIP IC FOR 900Mhz CORDLESS TELEPHONE
logo
STMicroelectronics
SD1477 STMICROELECTRONICS-SD1477_04 Datasheet
243Kb / 9P
   RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
SD1727 STMICROELECTRONICS-SD1727_04 Datasheet
407Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
AM1214-250 STMICROELECTRONICS-AM1214-250 Datasheet
36Kb / 4P
   RF POWER TRANSISTORS L-BAND RADAR APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com