Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3580ETJ+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3580ETJ+
Description  Direct-Conversion TV Tuner
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580ETJ+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3580ETJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Direct-Conversion TV Tuner
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX3580 EV kit, VCC = +3.1V to +3.5V, VGND = 0. VRF_AGC = VBB_AGC = +2.85V, RF input terminated into a 75Ω load, BBI_ and
BBQ_ loaded by RL greater than 2kΩ and CL less than 10pF, VCO active, registers are set according to the recommended default
register conditions, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
At 5.25MHz (UHF mode)
23
At 4.75MHz (VHF mode)
23
At 13.25MHz (UHF mode)
63
At 11.75MHz (VHF mode)
62
Rejection Ratio
At > 16.2MHz
84
dB
DC Output Voltage
VCM
Common mode (Note 11)
0.485 x VCC
VDC
Output DC Offset
BB_AGC = 2.85V
-70
+70
mV
Baseband Highpass Cutoff
Programmable
20 to 200
Hz
AGC Gain Slope
BB_AGC = 0.5V to 2.85V
14
35
dB/V
Ratio of Passband to Stopband
Noise
BB_AGC = 2.85V, 10kHz to 3.8MHz vs.
16.2MHz to 23.8MHz
15
dB
2-WIRE INTERFACE
Clock Rate
400
kHz
Note 1:
Part is tested and guaranteed only at hot temperature.
Note 2:
The specified overall voltage gain is suitable to amplify -93dBm to -20dBm to 1VP-P at the baseband output.
Note 3:
Guaranteed by design characterization over the specified operating conditions. Not production tested.
Note 4:
BB_AGC adjusted for gain = 72dB with RF_AGC at 2.85V.
Note 5:
Two tones at a) 230MHz and 431MHz with IM measured at 201MHz and b) 230MHz and 701MHz with IM measured at
471MHz.
Note 6:
Two tones at 499MHz and 689MHz with IM measured at 879MHz.
Note 7:
IM3 measured with two tones within the adjacent channel at a) 205.75MHz and 210.5MHz with IM measured at 201MHz
and b) 475.25MHz and 479.5MHz with IM measured at 471MHz.
Note 8:
Measured at RF = 171MHz with harmonics at 511MHz (3rd harmonic) and 851MHz (5th harmonic).
Note 9:
Delay of 2ns equal 2.74° phase error.
Note 10: UHF rolloff of 4dB in addition to gain flatness specification.
Note 11: Production tested at VCC = +3.5V to limits of 1.7V -0.12/+0.1V.
Note 12: Operation in the VHF band requires the R-divider = 2.
Note 13: Operation of the N-divider at values below 12 is not tested or guaranteed.


Similar Part No. - MAX3580ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580ETJ+T MAXIM-MAX3580ETJ+T Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580ETJ+T MAXIM-MAX3580ETJ+T Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
More results

Similar Description - MAX3580ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Toshiba Semiconductor
TA1375FG TOSHIBA-TA1375FG Datasheet
233Kb / 24P
   Single Conversion Tuner for Digital TV / CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com