Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3625A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3625A
Description  Low-Jitter, Precision Clock Generator with Three Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3625A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3625A Datasheet HTML 1Page - Maxim Integrated Products MAX3625A Datasheet HTML 2Page - Maxim Integrated Products MAX3625A Datasheet HTML 3Page - Maxim Integrated Products MAX3625A Datasheet HTML 4Page - Maxim Integrated Products MAX3625A Datasheet HTML 5Page - Maxim Integrated Products MAX3625A Datasheet HTML 6Page - Maxim Integrated Products MAX3625A Datasheet HTML 7Page - Maxim Integrated Products MAX3625A Datasheet HTML 8Page - Maxim Integrated Products MAX3625A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low-Jitter, Precision Clock
Generator with Three Outputs
4
_______________________________________________________________________________________
SUPPLY CURRENT
vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
60
40
50
20
30
10
25
50
75
100
125
150
175
200
225
250
0
070
ALL OUTPUTS ACTIVE AND TERMINATED
ALL OUTPUTS ACTIVE AND UNTERMINATED
DIFFERENTIAL OUTPUT WAVEFORM
AT 156.25MHz
MAX3625A toc02
1ns/div
PHASE NOISE AT 312.5MHz
CLOCK FREQUENCY
OFFSET FREQUENCY (kHz)
10,000
1000
1
10
100
-150
-140
-130
-120
-110
-100
-90
-80
-160
0.1
100,000
PHASE NOISE AT 125MHz
CLOCK FREQUENCY
OFFSET FREQUENCY (kHz)
10,000
1000
1
10
100
-150
-140
-130
-120
-110
-100
-90
-80
-160
0.1
100,000
PHASE NOISE AT 156.25MHz
CLOCK FREQUENCY
OFFSET FREQUENCY (kHz)
10,000
1000
1
10
100
-150
-140
-130
-120
-110
-100
-90
-80
-160
0.1
100,000
JITTER HISTOGRAM (312.5MHz OUTPUT,
40mVP-P SUPPLY NOISE AT 100kHz)
MAX3625A toc06
5ps/div
DJ = 5.6psP-P
DJ + RJ = 14psP-P
SPURS INDUCED BY POWER-SUPPLY NOISE
vs. NOISE FREQUENCY
NOISE FREQUENCY (kHz)
1000
100
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
10
10,000
fC = 312.5MHz
NOISE AMPLITUDE = 40mVP-P
Typical Operating Characteristics
(Typical values are at VCC = +3.3V, TA = +25°C, crystal frequency = 25MHz.)


Similar Part No. - MAX3625A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3625BEUG++ MAXIM-MAX3625BEUG+ Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3625CUG++ MAXIM-MAX3625CUG+ Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
More results

Similar Description - MAX3625A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com