Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3469 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3469
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3469 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3469 Datasheet HTML 3Page - Maxim Integrated Products MAX3469 Datasheet HTML 4Page - Maxim Integrated Products MAX3469 Datasheet HTML 5Page - Maxim Integrated Products MAX3469 Datasheet HTML 6Page - Maxim Integrated Products MAX3469 Datasheet HTML 7Page - Maxim Integrated Products MAX3469 Datasheet HTML 8Page - Maxim Integrated Products MAX3469 Datasheet HTML 9Page - Maxim Integrated Products MAX3469 Datasheet HTML 10Page - Maxim Integrated Products MAX3469 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MAX3465/MAX3466
Function Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
SHDN
Z
Y
X
1
1001
X
1
0010
0
0
X
0
High-Z
High-Z
1
0
X
X
Shutdown
X
X
X
1
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
A - B
SHDN
RO
0X
≥ -0.05V
0
1
0X
≤ -0.2V
0
0
0
X
Open/Shorted
0
1
1
1
X
0
High-Z
1
0
X
X
Shutdown
X
X
X
1
Shutdown
MAX3467
TRANSMITTING
INPUT
OUTPUTS
DI
Z
Y
10
1
01
0
RECEIVING
INPUTS
OUTPUT
A - B
RO
≥ -0.05V
1
≤ -0.2V
0
Open/Shorted
1
MAX3468/MAX3469
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B
A
X1
1
0
1
X1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
A - B
RO
0X
≥ -0.05V
1
0X
≤ -0.2V
0
0
X
Open/Shorted
1
1
1
X
High-Z
1
0
X
Shutdown
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
_______________________________________________________________________________________
7


Similar Part No. - MAX3469

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3469 MAXIM-MAX3469 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3469 MAXIM-MAX3469 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3469CPA MAXIM-MAX3469CPA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3469CPA MAXIM-MAX3469CPA Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3469CSA MAXIM-MAX3469CSA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
More results

Similar Description - MAX3469

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com