Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3671 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3671
Description  Low-Jitter Frequency Synthesizer with Selectable Input Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3671 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3671 Datasheet HTML 7Page - Maxim Integrated Products MAX3671 Datasheet HTML 8Page - Maxim Integrated Products MAX3671 Datasheet HTML 9Page - Maxim Integrated Products MAX3671 Datasheet HTML 10Page - Maxim Integrated Products MAX3671 Datasheet HTML 11Page - Maxim Integrated Products MAX3671 Datasheet HTML 12Page - Maxim Integrated Products MAX3671 Datasheet HTML 13Page - Maxim Integrated Products MAX3671 Datasheet HTML 14Page - Maxim Integrated Products MAX3671 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PLL Out-of-Lock Condition
If the frequency difference between the reference clock
input and the VCO at the PFD input becomes within
500ppm, the PLL is considered to be in lock (LOCK =
0). When the frequency difference between the refer-
ence clock input and the VCO at the PFD input
becomes greater than 800ppm, the PLL is considered
out-of-lock. It should be noted that the LOCK indicator
is not part of the frequency qualification used for the
INxFAIL indicators.
Input and Output Frequencies
The MAX3671 input and output dividers are configured
using four-level control inputs DM, DA, and DB. Each
divider is independent and can have a unique setting.
The input connection and associated frequencies are
listed in Tables 1, 2, and 3.
Output-Enable Controls
Each output group (A and B) has a three-level control
input OUTA_EN and OUTB_EN. See Tables 4 and 5 for
configuration settings. When clock outputs are dis-
abled, they are high impedance. Unused enabled out-
puts should be left open.
Power-On-Reset (POR)
At power-on, an internal signal is generated to hold the
MAX3671 in a reset state. This internal reset time is
about 20µs after VCC reaches 3.0V (Figure 2). During
the POR time, the outputs are held to logic-low (OUTxx
= low and OUTxx = high). See Table 6 for output signal
status during POR. After this internal reset time, the PLL
starts to lock to the reference clock selected by
SEL_CLK.
Low-Jitter Frequency Synthesizer
with Selectable Input Reference
______________________________________________________________________________________
11
Table 1. Divider M Configuration for Input
Frequencies
CONNECTION FROM DM PIN
INPUT FREQUENCY (MHz)
GND
62.5
VCC
125
Open
250
10k
to GND
312.5
Table 2. Divider A Configuration for
A-Group Output Frequencies
CONNECTION FROM DA PIN
OUTPUT FREQUENCY AT
OUTA[3:0] (MHz)
GND
62.5
VCC
125
Open
156.25
10k
to GND
312.5
Table 3. Divider B Configuration for
B-Group Output Frequencies
CONNECTION FROM DB PIN
OUTPUT FREQUENCY AT
OUTB[4:0] (MHz)
GND
62.5
VCC
125
Open
250
10k
to GND
312.5
Table 4. OUTA[3:0] Enable Control
CONNECTION FROM
OUTA_EN PIN
A-GROUP OUTPUT ENABLED
A-GROUP OUTPUT DISABLED TO HIGH
IMPEDANCE
GND
OUTA0, OUTA1, OUTA2, OUTA3
VCC*
OUTA0, OUTA1, OUTA2, OUTA3
Open
OUTA0, OUTA1
OUTA2, OUTA3
Table 5. OUTB[4:0] Enable Control
CONNECTION FROM
OUTB_EN PIN
B-GROUP OUTPUT ENABLED
B-GROUP OUTPUT DISABLED TO HIGH
IMPEDANCE
GND
OUTB0, OUTB1, OUTB2, OUTB3, OUTB4
VCC*
OUTB0
OUTB1, OUTB2, OUTB3, OUTB4
Open
OUTB0, OUTB1, OUTB2
OUTB3, OUTB4
*Connecting both OUTA_EN and OUTB_EN to VCC enables a factory test mode and forces all indicators to GND. This is not a valid
mode of operation.
*Connecting both OUTA_EN and OUTB_EN to VCC enables a factory test mode and forces all indicators to GND. This is not a valid
mode of operation.


Similar Part No. - MAX3671

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3670 MAXIM-MAX3670 Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
MAX3670ETJ++ MAXIM-MAX3670ETJ+ Datasheet
202Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
More results

Similar Description - MAX3671

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3673 MAXIM-MAX3673 Datasheet
444Kb / 16P
   Low-Jitter Frequency Synthesizer with Selectable Input Reference
Rev 0; 2/09
logo
SYNERGY MICROWAVE CORPO...
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
   Selectable frequency SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH243290-10 SYNERGY-FCPH243290-10 Datasheet
281Kb / 4P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL-70 SYNERGY-FCPL-70 Datasheet
460Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL1114-5 SYNERGY-FCPL1114-5 Datasheet
466Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH100125-10 SYNERGY-FCPH100125-10 Datasheet
511Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL3239-10 SYNERGY-FCPL3239-10 Datasheet
517Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH243250-100 SYNERGY-FCPH243250-100 Datasheet
775Kb / 7P
   SELECTABLE FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com