Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3676 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3676
Description  622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3676 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3676_09 Datasheet HTML 5Page - Maxim Integrated Products MAX3676_09 Datasheet HTML 6Page - Maxim Integrated Products MAX3676_09 Datasheet HTML 7Page - Maxim Integrated Products MAX3676_09 Datasheet HTML 8Page - Maxim Integrated Products MAX3676_09 Datasheet HTML 9Page - Maxim Integrated Products MAX3676_09 Datasheet HTML 10Page - Maxim Integrated Products MAX3676_09 Datasheet HTML 11Page - Maxim Integrated Products MAX3676_09 Datasheet HTML 12Page - Maxim Integrated Products MAX3676_09 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
622Mbps, 3.3V Clock-Recovery and
Data-Retiming IC with Limiting Amplifier
_______________________________________________________________________________________
9
The comparator is configured with an active-high LOP
output. An on-chip, 6k
Ω pull-up resistor is provided to
reduce the external part count.
Setting the Loop Filter
The MAX3676 is designed for both regenerator and
receiver applications. Its fully integrated PLL is a classic
second-order feedback system, with a loop bandwidth
(fL) fixed at 250kHz. The external capacitor, CF, can be
adjusted to set the loop damping. Figures 2 and 3 show
the open-loop and closed-loop transfer functions. The
PLL zero frequency, fZ, is a function of external capaci-
tor CF, and can be approximated according to:
For an overdamped system (fZ/fL) <0.25, the jitter peak-
ing (MP) of a second-order system can be approximat-
ed by:
For example, using CF = 0.22μF results in a jitter peak-
ing of 0.27dB. Reducing CF below 0.22μF may result in
PLL instability. The recommended value for CF is 2.2μF
to guarantee a maximum jitter peaking of less than
0.1dB.
The MAX3676 is optimally designed to acquire lock and
to provide a bit-error rate (BER) of less than 10-10 for
long strings of consecutive zeros and ones. Measured
results show that the MAX3676 can tolerate 1200 con-
secutive ones or zeros. Decreasing CF reduces the
number of tolerated consecutive identical zeros and
ones. CF must be a low-TC, high-quality capacitor of
type X7R or better.
Lock Detect
The MAX3676’s LOL monitor indicates when the PLL is
locked. Under normal operation, the loop is locked and
the LOL output signal is high. When the MAX3676 loses
lock, a fast negative-edge transition occurs on LOL.
The output level remains at a low level (held by CLOL)
until the loop reacquires lock (Figure 4).
M
=
0log 1+
P
2
f
f
Z
L
⎝⎜
⎠⎟
f
=
1
2
Z
π()
90 CF
100
1k
10k
100k
CF = 0.22
μF
fZ = 8.04kHz
CF = 2.2
μF
fZ = 804Hz
1M
10M
f (Hz)
100
1k
10k
100k
CF = 0.22
μF
CF = 2.2
μF
0
-3
H(J2
πf) (dB)
1M
10M
f (kHz)
Figure 2. Open-Loop Transfer Function
Figure 3. Closed-Loop Transfer Function


Similar Part No. - MAX3676_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3676E/D MAXIM-MAX3676E/D Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676EHJ MAXIM-MAX3676EHJ Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
More results

Similar Description - MAX3676_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3270 MAXIM-MAX3270 Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
logo
Analog Devices
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com