Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3679AETJ+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3679AETJ+
Description  3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3679AETJ+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3679AETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX3679AETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3679AETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3679AETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3679AETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3679AETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3679AETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3679AETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3679AETJ+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Detailed Description
The MAX3679A is a low-jitter clock generator designed
to operate at Ethernet frequencies. It consists of an on-
chip crystal oscillator, PLL, programmable dividers,
LVCMOS output buffer, and LVPECL output buffers.
Using a low-frequency clock (crystal or CMOS input) as
a reference, the internal PLL generates a high-frequen-
cy output clock with excellent jitter performance.
Crystal Oscillator
An integrated oscillator provides the low-frequency
reference clock for the PLL. This oscillator requires an
external crystal connected between X_IN and X_OUT.
Crystal frequency is 25MHz.
REF_IN Buffer
An LVCMOS-compatible clock source can be connected
to REF_IN to serve as the reference clock.
The LVCMOS REF_IN buffer is internally biased to allow
AC- or DC-coupling. It is designed to operate up to
320MHz.
PLL
The PLL takes the signal from the crystal oscillator or
reference clock input and synthesizes a low-jitter, high-
frequency clock. The PLL contains a phase-frequency
detector (PFD), a lowpass filter, and a 625MHz voltage-
controlled oscillator (VCO). The VCO output is connect-
ed to the PFD input through a feedback divider. The
PFD compares the reference frequency to the divided-
down VCO output (fVCO/25) and generates a control
signal that keeps the VCO locked to the reference
clock. The high-frequency VCO output clock is sent to
the output dividers. To minimize noise-induced jitter,
the VCO supply (VCCA) is isolated from the core logic
and output buffer supplies.
Output Dividers
The output divider is programmable to allow a range of
output frequencies. See Table 2 for the divider input
settings. The output dividers are automatically set to
divide by 1 when the MAX3679A is in bypass mode
(BYPASS = 0).
LVPECL Drivers
The high-frequency outputs—QA, QB0, and QB1—are
differential PECL buffers designed to drive transmission
lines terminated with 50
Ω to VCC - 2.0V. The maximum
operating frequency is specified up to 320MHz. Each
output can be individually disabled, if not used. The
outputs go to a logic 0 when disabled.
LVCMOS Driver
QA_C, the LVCMOS output, is designed to drive a sin-
gle-ended high-impedance load. The maximum operat-
ing frequency is specified up to 160MHz. This output
can be disabled by the QAC_OE pin if not used and
goes to a high impedance when disabled.
Reset Logic/POR
During power-on, the power-on reset (POR) signal is
generated to synchronize all dividers. An external mas-
ter reset (MR) signal is not required.
Applications Information
Power-Supply Filtering
The MAX3679A is a mixed analog/digital IC. The PLL
contains analog circuitry susceptible to random noise.
In addition to excellent on-chip power-supply noise
rejection, the MAX3679A provides a separate power-
supply pin, VCCA, for the VCO circuitry. Figure 2 illus-
trates the recommended power-supply filter network for
VCCA. The purpose of this design technique is to
ensure clean input power supply to the VCO circuitry
and to improve the overall immunity to power-supply
noise. This network requires that the power supply is
+3.3V ±5%. Decoupling capacitors should be used on
all other supply pins for best performance.
Output Divider Configuration
Table 2 shows the input settings required to set the out-
put dividers. Leakage in the OPEN case must be less
than 1µA. Note that when the MAX3679A is in bypass
mode (BYPASS set low), the output dividers are auto-
matically set to divide by 1.
VCC
VCCA
10.5
Ω
+3.3V
±5%
0.1
μF
10
μF
0.1
μF
Figure 2. Analog Supply Filtering
+3.3V, Low-Jitter Crystal to LVPECL
Clock Generator
_______________________________________________________________________________________
7


Similar Part No. - MAX3679AETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3679 MAXIM-MAX3679 Datasheet
389Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 11/08
MAX3679CTJ++ MAXIM-MAX3679CTJ+ Datasheet
389Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 11/08
More results

Similar Description - MAX3679AETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3679 MAXIM-MAX3679 Datasheet
389Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 11/08
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
843021 IDT-843021 Datasheet
282Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843SDN IDT-ICS843SDN Datasheet
830Kb / 14P
   FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com