Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3469ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3469ESA
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3469ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3469ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3469ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3469ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3469ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3469ESA Datasheet HTML 9Page - Maxim Integrated Products MAX3469ESA Datasheet HTML 10Page - Maxim Integrated Products MAX3469ESA Datasheet HTML 11Page - Maxim Integrated Products MAX3469ESA Datasheet HTML 12Page - Maxim Integrated Products MAX3469ESA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
______________________________________________________________________________________
11
Applications Information
128 Transceivers on the Bus
The standard RS-485 receiver input impedance is 12k
Ω
(one unit load), and the standard driver can drive up to
32 unit loads. The MAX3465–MAX3469 family of trans-
ceivers has a 1/4-unit-load receiver input impedance
(48k
Ω), allowing up to 128 transceivers to be connect-
ed in parallel on one communication line. Any combina-
tion of these devices and/or other RS-485 transceivers
with a total of 32 unit loads or less can be connected to
the line.
Low-Power Shutdown Mode
(Except MAX3467)
Low-power shutdown mode is initiated by bringing
SHDN high (MAX3465/MAX3466), or both RE high and
DE low. In shutdown, the devices typically draw only
1µA of supply current. RE and DE can be driven simul-
taneously; the devices are guaranteed not to enter shut-
down if RE is high and DE is low for less than 50ns. If
the inputs are in this state for at least 800ns, the devices
are guaranteed to enter shutdown.
Driver Output Protection
Two mechanisms prevent excessive output current and
power dissipation caused by faults or by bus con-
tention. The first, a foldback current limit on the output
stage, provides immediate protection against short cir-
cuits over the whole common-mode voltage range (see
the
Typical Operating Characteristics). The second, a
thermal-shutdown circuit, forces the driver outputs into
a high-impedance state if the die temperature exceeds
+140°C.
Propagation Delay
Many digital encoding schemes depend on the difference
between the driver and receiver propagation delay times.
Typical propagation delays are shown in the
Typical
Operating Characteristics. The difference in receiver delay
times, |tPLH - tPHL|, is a maximum of 2ns. The driver skew
time |tPLH - tPHL| is also a maximum of 2ns.
Typical Applications
The MAX3465–MAX3469 transceivers are designed for
bidirectional data communications on multipoint bus
transmission lines. Figures 13 and 14 show typical net-
work applications circuits. To minimize reflections, the
line should be terminated at both ends in its character-
istic impedance, and stub lengths off the main line
should be kept as short as possible.
Profibus Termination
The MAX3465–MAX3469 are designed for driving
Profibus termination networks. With a worst-case load-
ing of two termination networks with 220
Ω termination
impedance and 390
Ω pullups and pulldowns, the dri-
vers can drive VA-B > 2.1V output.
Chip Information
TRANSISTOR COUNT: 610
PROCESS: BiCMOS
VID
ATE
RECEIVER
OUTPUT
B
A
R
Figure 12. Receiver Propagation Delay Test Circuit
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX3466CSD
0°C to +70°C
14 SO
MAX3466CPD
0°C to +70°C
14 Plastic DIP
MAX3466ESD
-40°C to +85°C
14 SO
MAX3466EPD
-40°C to +85°C
14 Plastic DIP
MAX3467CSA
0°C to +70°C
8 SO
MAX3467CPA
0°C to +70°C
8 Plastic DIP
MAX3467ESA
-40°C to +85°C
8 SO
MAX3467EPA
-40°C to +85°C
8 Plastic DIP
MAX3468CSA
0°C to +70°C
8 SO
MAX3468CPA
0°C to +70°C
8 Plastic DIP
MAX3468ESA
-40°C to +85°C
8 SO
MAX3468EPA
-40°C to +85°C
8 Plastic DIP
MAX3469CSA
0°C to +70°C
8 SO
MAX3469CPA
0°C to +70°C
8 Plastic DIP
MAX3469ESA
-40°C to +85°C
8 SO
MAX3469EPA
-40°C to +85°C
8 Plastic DIP


Similar Part No. - MAX3469ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3469ESA MAXIM-MAX3469ESA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3469ESA MAXIM-MAX3469ESA Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
More results

Similar Description - MAX3469ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com