Electronic Components Datasheet Search |
|
MAX3469EPA Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX3469EPA Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 13 page Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referenced to device ground, unless otherwise noted. Note 2: ΔVOD and ΔVOC are the changes in VOD and VOC, respectively, when the DI input changes state. Note 3: The short-circuit output current applies to peak current just prior to foldback-current limiting; the short-circuit foldback output current applies during current limiting to allow a recovery from bus contention. Note 4: Capacitive load includes test probe and fixture capacitance. Note 5: Shutdown is enabled by bringing RE high and DE low or by bringing SHDN high. If the enable inputs are in this state for less than 50ns, the device is guaranteed not to enter shutdown. If the enable inputs are in this state for at least 800ns, the device is guaranteed to have entered shutdown. +5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers 4 _______________________________________________________________________________________ ELECTRICAL CHARACTERISTICS (continued) (VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Receiver Output Skew |tPLH - tPHL| Figure 10, CL = 15pF, RXP = GND or open (Note 4) 2ns Receiver Enable to Output Low tZL Figures 8 and 11, RL = 1k Ω, CL = 15pF, S1 closed (Note 4) 30 ns Receiver Enable to Output High tZH Figures 8 and 11, RL = 1k Ω, CL = 15pF, S2 closed (Note 4) 30 ns Receiver Disable Time from Low tLZ Figures 8 and 11, RL = 1k Ω, CL = 15pF, S1 closed (Note 4) 30 ns Receiver Disable Time from High tHZ Figures 8 and 11, RL = 1k Ω, CL = 15pF, S2 closed (Note 4) 30 ns Time to Shutdown tSHDN (Note 5) 50 800 ns Driver Enable from Shutdown to Output High tZH (SHDN) Figures 8 and 9, RL = 500 Ω, CL = 50pF, S2 closed (Note 5) 4µs Driver Enable from Shutdown to Output Low tZL (SHDN) Figures 8 and 9, RL = 500 Ω, CL = 50pF, S1 closed (Note 5) 4µs Receiver Enable from Shutdown to Output High tZH (SHDN) Figures 8 and 11, RL = 1k Ω, CL = 15pF, S2 closed (Notes 4, 5) 4µs Receiver Enable from Shutdown to Output Low tZL (SHDN) Figures 8 and 11, RL = 1k Ω, CL = 15pF, S1 closed (Notes 4, 5) 4µs NO-LOAD SUPPLY CURRENT vs. TEMPERATURE TEMPERATURE ( °C) 60 40 -20 0 20 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.10 -40 80 DE = VCC DE = GND OUTPUT CURRENT vs. RECEIVER OUTPUT LOW VOLTAGE OUTPUT LOW VOLTAGE (V) 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 10 20 30 40 50 60 0 0 5.0 OUTPUT CURRENT vs. RECEIVER OUTPUT HIGH VOLTAGE OUTPUT HIGH VOLTAGE (V) 4 3 2 1 5 10 15 20 25 30 35 0 05 Typical Operating Characteristics (VCC = +5V, TA = +25°C, unless otherwise noted.) |
Similar Part No. - MAX3469EPA |
|
Similar Description - MAX3469EPA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |