Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

447LH420NF16 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 447LH420NF16
Description  EMI/RFI Non-Environmental Band-in-a-Can Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447LH420NF16 Datasheet(HTML) 2 Page - Glenair, Inc.

  447LH420NF16 Datasheet HTML 1Page - Glenair, Inc. 447LH420NF16 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 447 - Page 3
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page 21) is exceeded, Style 2 will
be supplied.
Dimensions E, F, G, and H will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Consult factory for shorter lengths on straight backshells.
4. Backshells supplied with 600-052-* band, see Glenair Series 600
Tool Catalog for installation.
See inside back cover fold-
out or pages 13 and 14 for
Tables I and II.
447-420
EMI/RFI Non-Environmental Band-in-a-Can Backshell
with QwikClamp Strain-Relief
Rotatable Coupling - Standard Profile
N
Max
.720 (18.3)
.720 (18.3)
.720 (18.3)
.910 (23.1)
.910 (23.1)
1.090 (27.7)
1.090 (27.7)
1.220 (31.0)
1.220 (31.0)
1.340 (34.0)
1.340 (34.0)
1.530 (38.9)
1.530 (38.9)
1.720 (43.7)
1.720 (43.7)
1.850 (47.0)
1.850 (47.0)
1.970 (50.0)
2.090 (53.1)
2.280 (57.9)
Clamp
Size (Ref)
08
08
08
12
12
16
16
20
20
24
24
28
28
32
32
36
36
40
44
48
K
Dia
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
Min
.100
(2.5)
.098
(2.5)
.098
(2.5)
.203
(5.2)
.203
(5.2)
.328
(8.3)
.328
(8.3)
.452 (11.5)
.452 (11.5)
.515 (13.1)
.515 (13.1)
.640 (16.3)
.640 (16.3)
.765 (19.4)
.765 (19.4)
.859 (21.8)
.859 (21.8)
.984 (25.0)
1.125 (28.6)
1.250 (31.8)
Max
.250
(6.4)
.200
(5.1)
.250
(6.4)
.375
(9.5)
.375
(9.5)
.500 (12.7)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.750 (19.1)
.875 (22.2)
.875 (22.2)
1.000 (25.4)
1.000 (25.4)
1.125 (28.6)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
L
Max
.970 (24.6)
.970 (24.6)
.970 (24.6)
1.110 (28.2)
1.110 (28.2)
1.210 (30.7)
1.210 (30.7)
1.210 (30.7)
1.210 (30.7)
1.210 (30.7)
1.360 (34.5)
1.360 (34.5)
1.510 (38.4)
1.510 (38.4)
1.510 (38.4)
1.510 (38.4)
1.510 (38.4)
1.510 (38.4)
1.510 (38.4)
1.510 (38.4)
Cable Range
M
Max
.530 (13.5)
.530 (13.5)
.530 (13.5)
.710 (18.0)
.710 (18.0)
.720 (18.3)
.720 (18.3)
.720 (18.3)
.720 (18.3)
.660 (16.8)
.660 (16.8)
.790 (20.1)
.790 (20.1)
.870 (22.1)
.870 (22.1)
.830 (21.1)
.830 (21.1)
.820 (20.8)
.910 (23.1)
.900 (22.9)
Dash
No.
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
20
22
24
TABLE IV: CABLE ENTRY
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
H
Max
1.500 (38.1)
1.550 (39.4)
1.610 (40.9)
1.680 (42.7)
1.740 (44.2)
1.760 (44.7)
1.820 (46.2)
1.900 (48.3)
1.970 (50.0)
F
Max
1.380 (35.1)
1.410 (35.8)
1.430 (36.3)
1.460 (37.1)
1.480 (37.6)
1.490 (37.8)
1.510 (38.4)
1.550 (39.4)
1.580 (40.1)
G
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.140 (29.0)
1.200 (30.5)
Now Available
with the NESTOR
Add “-445” to Specify
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling. See
Page 41 for Details.


Similar Part No. - 447LH420NF16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447LH421NF08 GLENAIR-447LH421NF08 Datasheet
63Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447LH421NF10 GLENAIR-447LH421NF10 Datasheet
63Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447LH421NF12 GLENAIR-447LH421NF12 Datasheet
63Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447LH421NF14 GLENAIR-447LH421NF14 Datasheet
63Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447LH421NF16 GLENAIR-447LH421NF16 Datasheet
63Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
More results

Similar Description - 447LH420NF16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447-425 GLENAIR-447-425 Datasheet
182Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell
447AH421NF08 GLENAIR-447AH421NF08 Datasheet
63Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
447AH427NF08 GLENAIR-447AH427NF08 Datasheet
122Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM425NF08 GLENAIR-447AM425NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC425NF08 GLENAIR-447AC425NF08 Datasheet
77Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM427NF08 GLENAIR-447AM427NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
380AA005B08 GLENAIR-380AA005B08 Datasheet
99Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com