Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

447LS425NF24 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447LS425NF24
Description  EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447LS425NF24 Datasheet(HTML) 1 Page - Glenair, Inc.

  447LS425NF24 Datasheet HTML 1Page - Glenair, Inc. 447LS425NF24 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 447 - Page 6
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
447 F S 425 NF 16 12-8 K P
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
F (Table III)
E
(Table III)
A Thread
(Table I)
** (Table IV)
C Typ.
(Table I)
.500 (12.7)
Max
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order
Length 2.5 inch
STYLE 2
(45° & 90°
See Note 1)
.88 (22.4)
Max
* Length ± .060 (1.52)
Min. Order Length 2.0 inch
(Note 3)
Length *
TerminationArea
Free of Cadmium
Knurl or Ridges
Mfr's Option
Polysulfide Stripes
P Option
Product Series
Connector Designator
Angle and Profile
H = 45
J = 90
S = Straight
Basic Part No.
Finish (Table II)
Polysulfide (Omit for none)
B = Band
K = Precoiled Band
(Omit for none)
Length: S only
(1/2 inch increments,
e.g. 8 = 4.000 inches)
Cable Entry (Table IV)
Shell Size (Table I)
K **
Cable
Range
L **
Band Option
(K Option Shown -
See Note 4)
447-425
EMI/RFI Non-Environmental Band-in-a-Can Backshell
with Cable Clamp Strain-Relief
Rotatable Coupling - Standard Profile
G
(Table III)
H
(Table III)


Similar Part No. - 447LS425NF24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447LS420NF08 GLENAIR-447LS420NF08 Datasheet
86Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell
447LS420NF10 GLENAIR-447LS420NF10 Datasheet
86Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell
447LS420NF12 GLENAIR-447LS420NF12 Datasheet
86Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell
447LS420NF14 GLENAIR-447LS420NF14 Datasheet
86Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell
447LS420NF16 GLENAIR-447LS420NF16 Datasheet
86Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell
More results

Similar Description - 447LS425NF24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447AH427NF08 GLENAIR-447AH427NF08 Datasheet
122Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM425NF08 GLENAIR-447AM425NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC425NF08 GLENAIR-447AC425NF08 Datasheet
77Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM427NF08 GLENAIR-447AM427NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC427NF08 GLENAIR-447AC427NF08 Datasheet
78Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FH425B08 GLENAIR-447FH425B08 Datasheet
362Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell With Cable Clamp Strain-Relief
447AD426NF08 GLENAIR-447AD426NF08 Datasheet
55Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH426NF08 GLENAIR-447AH426NF08 Datasheet
58Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AS329XM08 GLENAIR-447AS329XM08 Datasheet
315Kb / 2P
   Composite EMI/RFI Environmental Band-in-a-Can Backshell with Strain-Relief Clamp
447AS330XM08 GLENAIR-447AS330XM08 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com