Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

447LW328XM20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447LW328XM20
Description  Composite Standard Profile EMI/RFI Band-in-a-Can Backshell with Strain-Relief Clamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447LW328XM20 Datasheet(HTML) 1 Page - Glenair, Inc.

  447LW328XM20 Datasheet HTML 1Page - Glenair, Inc. 447LW328XM20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-78
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
447-328
Composite Standard Profile EMI/RFI
Band-in-a-Can Backshell with Strain-Relief Clamp
and Self-Locking Rotatable Coupling
F
E
G
.71 (18.0)
Ref
Entry Diameter
H
Clamp Closed
NOTES
Metric dimensions (mm) are in parenthesis and are for reference only.
1.
Coupling nut supplied unplated.
2.
See Table I in Intro for front-end dimensional details.
3.
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
G MIL-DTL-28840
U DG123 and DG123A
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE
Finish Symbol
(See Table III)
Connector Designator
A, F, L, H, G and U
Product Series
447 - EMI/RFI Non-Environmental
Banding Backshells
447 H S 328 XM 19 20 K S
Angle and Profile
S - Straight
W - 90° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Band Option
Band supplied
with
K option
(Omit for none)
Slot Option
S - Pigtail
Termin. Slot
(Omit for none)
Accommodates 600-052-1 Band
.44 (11.2) Typ.
.71 (18.0) Ref
H
Entry
Dia.
Clamp Closed
1.60
(40.6)
Max.
Anti-
Decoupling
Device
Pigtail
Termination
Slot


Similar Part No. - 447LW328XM20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447LW325XM08 GLENAIR-447LW325XM08 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447LW325XM10 GLENAIR-447LW325XM10 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447LW325XM12 GLENAIR-447LW325XM12 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447LW325XM14 GLENAIR-447LW325XM14 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447LW325XM16 GLENAIR-447LW325XM16 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
More results

Similar Description - 447LW328XM20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447AS329XM08 GLENAIR-447AS329XM08 Datasheet
315Kb / 2P
   Composite EMI/RFI Environmental Band-in-a-Can Backshell with Strain-Relief Clamp
447AS330XM08 GLENAIR-447AS330XM08 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
447AS657XM08 GLENAIR-447AS657XM08 Datasheet
291Kb / 1P
   Composite Low-Profile Micro Band-in-a-Can Backshell with Strain-Relief Clamp
447AH427NF08 GLENAIR-447AH427NF08 Datasheet
122Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM425NF08 GLENAIR-447AM425NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC425NF08 GLENAIR-447AC425NF08 Datasheet
77Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM427NF08 GLENAIR-447AM427NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC427NF08 GLENAIR-447AC427NF08 Datasheet
78Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FH425B08 GLENAIR-447FH425B08 Datasheet
362Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell With Cable Clamp Strain-Relief
447AH425NF08 GLENAIR-447AH425NF08 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com