Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR09045EU Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # AGR09045EU
Description  45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR09045EU Datasheet(HTML) 7 Page - TriQuint Semiconductor

  AGR09045EU Datasheet HTML 1Page - TriQuint Semiconductor AGR09045EU Datasheet HTML 2Page - TriQuint Semiconductor AGR09045EU Datasheet HTML 3Page - TriQuint Semiconductor AGR09045EU Datasheet HTML 4Page - TriQuint Semiconductor AGR09045EU Datasheet HTML 5Page - TriQuint Semiconductor AGR09045EU Datasheet HTML 6Page - TriQuint Semiconductor AGR09045EU Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AGR09045E
45 W, 865 MHz—895 MHz, N-Channel E-Mode, Lateral MOSFET
Package Dimensions
All dimensions are in inches. Tolerances are ±0.005 in. unless specified.
AGR09045EU
AGR09045EF
PINS:
1. DRAIN
2. GATE
3. SOURCE
PINS:
1. DRAIN
2. GATE
3. SOURCE
1
2
3
2
1
3
PEAK DEVICES
AGR09045EU
XXXX
1
1
2
2
3
3
PEAK DEVICES
AGR09045EF
XXXX
XXXX - 4 Digit Trace Code


Similar Part No. - AGR09045EU

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
AGR09045EU PEAK-AGR09045EU Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR09045EU

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09085E TRIQUINT-AGR09085E Datasheet
354Kb / 8P
   85 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09180EF TRIQUINT-AGR09180EF Datasheet
407Kb / 9P
   180 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09090EF TRIQUINT-AGR09090EF Datasheet
515Kb / 14P
   90 W, 865 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09130E TRIQUINT-AGR09130E Datasheet
466Kb / 10P
   130 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09070EF TRIQUINT-AGR09070EF Datasheet
373Kb / 8P
   70 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
logo
Cree, Inc
UGF09085 CREE-UGF09085 Datasheet
202Kb / 6P
   90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com